Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 133 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 129Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 130Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 131Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 132Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 133Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 134Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 135Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 136Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Address
Register Name
Bit Group Name
Description
Hexadecimal Value Settings
0x00
Default
0x00
HVIO1 default state is low (asserted)
HVIO1_OUT_
DFLT_OTP
Configure the HVIO1 pin default state
when HVIO1 is an output
0x01
HVIO1 default state is high (HIZ)
0x00
Default
0x00
HVIO1 is turned high (HIZ) on an active slot
HVIO1_SLOT_
POL_OTP
Configure the HVIO1 polarity when
activated by a slot
0x01
HVIO1 is turned low (asserted) on an active slot
0x00
Default
0x00
Pullup to VSUP
HVIO1_PU_SEL_
OTP
Select pull up source on HVIO1 when
used as an output
0x01
Pullup to VDDIO
0x00
Default
0x00
VBOS to V1 switch is open in LPON mode
VBOS2V1_SW_
LP_EN_OTP
Control VBOS to V1 switch in LPON mode
when V1 = BUCK
0x01
VBOS to V1 switch is closed in LPON mode
0x00
Default
0x00
Triangular modulation is selected by default
MOD_CONF_OTP
Select default clock modulation
configuration (when FS24 boots up)
0x01
Pseudo random modulation is selected by default
0x00
Default
0x00
Modulation is disabled by default
MOD_EN_OTP
Select the default state of the clock
modulation on 20 MHz clock (when FS24
boots up)
0x01
Modulation is enabled by default
0x00
Default
0x00
Slots are not bypassed
SLOT_BYP_OTP
Bypass unecessary slots
0x01
Bypass unnecessary slots during power-down or wake-up
from LPON
0x00
Default
0x00
SPI CRC is enabled, SPI CRC bit are equal to CRC results
and are monitored
CRC_DIS_OTP
Disable SPI CRC check
0x01
SPI CRC is disabled, SPI CRC bit are all set to 0 without
monitoring
0x00
Default
0x00
SPI CRC is enabled in Debug mode when CRC_DIS_OTP
= 1, stay disabled otherwise
CRC_DBG_DIS_
OTP
Disable SPI CRC check in Debug mode
only
0x01
SPI CRC is disabled in Debug mode
0x00
Default
0x00
SAE J-1850 = (x^8+x^4+x^3+x^2+1) XOR 0x00
0x29
OTP_MAIN_
SYS_CFG
CRC_INV_OTP
Invert the result of the polynomial
calculation for SPI CRC
0x01
CRC-8-AUTOSAR / SAE J-1850 = (x^8+x^4+x^3+x^2+1)
XOR 0xFF
Table 149. Main OTP bits description...continued
[1]
These codes are suggested as best fit for the described use cases. In case other values are needed, contact local support.
[2]
The slope compensation values are given for a typical V1_IN at 13.5 V.
24.3 Fail-safe OTP overview
ADDRESS
Register
Name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0x2A
OTP_FS_
SYS_CFG
ERRMON_
EN_OTP
-
INIT_CRC_
DIS_OTP
FS_LPOFF_
OTP
FS_DUR_
CFG_OTP
WD_
INF_OTP
RSTB8S_
DIS_OTP
FIRST_
FAULT_
EN_OTP
0x2B
OTP_OVUV_
CFG1
V1MON_UVTH_OTP[3:0]
V1MON_OVTH_OTP[3:0]
0x2C
OTP_OVUV_
CFG2
V3MON_UVTH_OTP[3:0]
V3MON_OVTH_OTP[3:0]
0x2D
OTP_OVUV_
CFG3
V0MON_UVTH_OTP[3:0]
V0MON_OVTH_OTP[3:0]
0x2E
OTP_UV_
DGLT_CFG
V0MON_UVDGLT_OTP[1:0]
V1MON_UVDGLT_OTP[1:0]
-
-
V3MON_UVDGLT_OTP[1:0]
Table 150. Fail-safe OTP overview
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
133 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com