Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 129 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 125Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 126Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 127Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 128Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 129Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 130Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 131Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 132Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Address
Register Name
Bit Group Name
Description
Hexadecimal Value Settings
0x00
Default
0x00
A
0x01
B
0x02
C
0x03
D
0x04
E
0x05
F
0x06
G
0x07
H
0x08
J
0x09
K
0x0A
L
0x0B
M
0x0C
N
0x0D
P
0x0E
Q
PROG_IDH_OTP
Report the OTP code
0x0F
R
0x00
Default
0x00
0
0x01
1
0x02
2
0x03
3
0x04
4
0x05
5
0x06
6
0x07
7
0x08
8
0x09
9
0x0A
A
0x0B
B
0x0C
C
0x0D
D
0x0E
E
0x1D
OTP_PROG_ID
PROG_IDL_OTP
Report the OTP code
0x0F
F
0x00
Default
0x00
VSUP_UVTH low threshold selected (4.7 V)
OTP_V1_CFG1
VSUP_UVTH_OTP Select VSUP_UVH threshold
0x01
VSUP_UVTH high threshold selected (5.7 V)
0x03
DEFAULT
0x00
HS raising slew rate is 20 ns (for 450 kHz only)
0x01
HS raising slew rate is 20 ns (for 450 kHz only)
0x02
HS raising slew rate is 15 ns (for 450 kHz only)
0x03
HS raising slew rate is 10 ns
0x04
HS raising slew rate is 6.3 ns
0x05
HS raising slew rate is 5 ns
0x06
HS raising slew rate is 3 ns
OTP_V1_CFG1
BUCK_SRHSON_
OTP
Select BUCK slew rate when the High
Side turns ON
0x07
HS raising slew rate is 2 ns
0x02
Default
0x00
HS falling slew rate is 20 ns (for 450 kHz only)
0x01
HS falling slew rate is 15 ns (for 450 kHz only)
0x02
HS falling slew rate is 10 ns
0x1E
OTP_V1_CFG1
BUCK_SRHSOFF_
OTP
Select BUCK slew rate when the High
Side turns OFF
0x03
HS falling slew rate is 5 ns
Table 149. Main OTP bits description...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
129 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com