Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 128 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 124Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 125Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 126Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 127Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 128Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 129Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 130Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 131Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
24 OTP bits description
24.1 Main OTP overview
Address Register name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0x1C
OTP_
DEVICE_VER
-
-
RSTB_
DUR_OTP
ABIST_
EN_OTP
CAN_
EN_OTP
LDTIM_
EN_OTP
LIMP0_
EN_OTP
V0MON_
EN_OTP
0x1D
OTP_PROG_ID
PROG_IDH_OTP[3:0]
PROG_IDL_OTP[3:0]
0x1E
OTP_V1_CFG1
VSUP_
UVTH_OTP
BUCK_SRHSON_OTP[2:0]
BUCK_SRHSOFF_
OTP[1:0]
BUCK_SS_OTP[1:0]
0x1F
OTP_V1_CFG2
BUCK_
CLK_OTP
BUCK_RCOMP_OTP[2:0]
BUCK_CCOMP_OTP[1:0]
-
0x20
OTP_V1_CFG3
BUCK_OC_DGLT_OTP[1:0]
BUCK_SC_OTP[5:0]
0x21
OTP_V1_CFG4
-
BUCK_PK_OC_PFM_OTP[2:0]
BUCK_PFM_
TOFF_OTP[1:0]
BUCK_PFM_TON_OTP[1:0]
0x22
OTP_V1_CFG5 CONF_OV_
V1_OTP
CONF_TSD_
V1_OTP
BUCK_PK_OC_PWM_OTP[2:0]
BUCK_AVG_OC_PWM_OTP[2:0]
0x23
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x24
OTP_V1_CFG7
V1UVLP_
TH_OTP
VV1_BUCK_
RANGE_OTP
VV1_BUCK_OTP[5:0]
0x25
OTP_V1_CFG8
BUCK_LP_DVS_OTP[1:0]
VV1_LP_BUCK_OTP[5:0]
0x26
OTP_V3_CFG
-
-
CONF_OV_
V3_OTP
CONF_TSD_
V3_OTP
-
VV3_OTP
V3_SLOT_OTP[1:0]
0x27
OTP_HVIO_
CFG1
HVIO1PUPD_OTP[1:0]
WK2PUPD_OTP[1:0]
WK3PUPD_OTP[1:0]
HVIO1PUPD_OTP[1:0]
0x28
OTP_HVIO_
CFG2
HVIO1_OUT_
EN_OTP
HVIO1_OUT_
DFLT_OTP
HVIO1_SLOT_
POL_OTP
HVIO1_PU_
SEL_OTP
-
-
-
-
0x29
OTP_MAIN_
SYS_CFG
VBOS2
V1_SW
_LP_EN_OTP
MOD_
CONF_OTP
MOD_EN_OTP
SLOT_
BYP_OTP
-
CRC_
DIS_OTP
CRC_DBG_
DIS_OTP
CRC_
INV_OTP
Table 148. Main OTP overview
24.2 Main OTP bits description
Address
Register Name
Bit Group Name
Description
Hexadecimal Value Settings
0x00
Default
0x00
10 ms
RSTB_DUR_OTP
Configure RSTB pulse duration
0x01
1 ms
0x00
Default
0x00
ABIST checks are disabled
ABIST_EN_OTP
Enable ABIST checks
0x01
ABIST checks are enabled
0x00
Default
0x00
CAN is disabled
CAN_EN_OTP
Enable the CAN physical layer
0x01
CAN is enabled
0x00
Default
0x00
LDT is disabled
LDTIM_EN_OTP
Enable the Long Duration Timer
0x01
LDT is enabled
Enable LIMP0 safety output
0x00
Default
0x00
LIMP0 is disabled
LIMP0_EN_OTP
0x01
LIMP0 is enabled
0x00
Default
0x00
VMON_EXT pin is disabled
0x1C
OTP_DEVICE_
VER
V0MON_EN_OTP
Enable VMON_EXT pin for V0MON
monitoring
0x01
VMON_EXT pin is enabled
Table 149. Main OTP bits description
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
128 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com