Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 131 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 127Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 128Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 129Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 130Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 131Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 132Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 133Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 134Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Address
Register Name
Bit Group Name
Description
Hexadecimal Value Settings
0x05
Default
0x02
Overcurrent (peak) detection threshold is 400 mA
0x03
Overcurrent (peak) detection threshold is 500 mA
0x04
Overcurrent (peak) detection threshold is 600 mA
0x05
Overcurrent (peak) detection threshold is 700 mA
0x06
Overcurrent (peak) detection threshold is 800 mA
OTP_V1_CFG4
BUCK_PK_OC_
PFM_OTP
Select PFM mode High-Side peak current
detection threshold
0x07
Overcurrent (peak) detection threshold is 900 mA
0x01
Default
0x00
TOFF time in PFM is 130 ns at 2.2 MHz and 605 ns at 450
kHz
0x01
TOFF time in PFM is 250 ns at 2.2 MHz and 1170 ns at
450 kHz
0x02
TOFF time in PFM is 360 ns at 2.2 MHz and 1725 ns at
450 kHz
OTP_V1_CFG4
BUCK_PFM_
TOFF_OTP
Select BUCK TOFF time in PFM
0x03
TOFF time in PFM is 475 ns at 2.2 MHz and 2285 ns at
450 kHz
0x02
Default
0x00
TON time in PFM is 162.5 ns at 2.2 MHz and 820 ns at
450 kHz
0x01
TON time in PFM is 209 ns at 2.2 MHz and 1023 ns at 450
kHz
0x02
TON time in PFM is 257 ns at 2.2 MHz and 1221 ns at 450
kHz
0x21
OTP_V1_CFG4
BUCK_PFM_TON_
OTP
Select BUCK TON time in PFM
0x03
TON time in PFM is 305 ns at 2.2 MHz and 1422.5 ns at
450 kHz
0x06
Default
0x00
The V1 is disabled in case of OV
OTP_V1_CFG5
CONF_OV_V1_
OTP
Select the device reaction in case of V1
overvoltage detection
0x01
The device transition to fail-safe state (M30) in case of OV
0x00
Default
0x00
The V1 is disabled in case of TSD
OTP_V1_CFG5
CONF_TSD_V1_
OTP
Select the device reaction in case of V1
thermal-shutdown detection
0x01
the device transition to fail-safe state (M30) in case of TSD
0x06
Default
0x02
Overcurrent (peak) threshold is 400 mA
0x03
Overcurrent (peak) threshold is 500 mA
0x04
Overcurrent (peak) threshold is 600 mA
0x05
Overcurrent (peak) threshold is 700 mA
0x06
Overcurrent (peak) threshold is 800 mA
OTP_V1_CFG5
BUCK_PK_OC_
PWM_OTP
Select PWM mode High-Side peak current
detection threshold
0x07
Overcurrent (peak) threshold is 900 mA
0x04
Default
0x00
Average current detection threshold is 200 mA
0x01
Average current detection threshold is 300 mA
0x02
Average current detection threshold is 400 mA
0x03
Average current detection threshold is 500 mA
0x04
Average current detection threshold is 600 mA
0x22
OTP_V1_CFG5
BUCK_AVG_OC_
PWM_OTP
Select PWM mode average current
detection threshold
0x05
Average current detection threshold is 700 mA
0x00
Default
0x00
V1UVLP threshold is typical 1.8 V
V1UVLP_TH_OTP
Select V1UVLP threshold
0x01
V1UVLP threshold is typical 3.07 V
0x01
Default
0x00
Range = 2 for V1 from 3.3 V to 5 V
VV1_BUCK_
RANGE_OTP
Select V1 BUCK regulator output voltage
range
0x01
Range = 1 for V1 from 1.9 V to 3.375 V
0x1C
Default
0x08
V1 = 2 V with Range 1
0x24
OTP_V1_CFG7
VV1_BUCK_OTP
Select V1 BUCK regulator output voltage
in Normal mode
0x1C
V1 = 2.5 V with Range 1
Table 149. Main OTP bits description...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
131 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com