Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 137 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 133Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 134Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 135Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 136Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 137Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 138Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 139Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 140Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Address
Register name
Bit group name
Description
Hexadecimal
value
Settings
0x0E
V0MON = 109.5 %
0x0F
V0MON = 110 %
0x00
DEFAULT
0x00
V0MON UV deglitcher = 5 µs
0x01
V0MON UV deglitcher = 15 µs
0x02
V0MON UV deglitcher = 25 µs
V0MON_UVDGLT_
OTP
Select V0MON UV deglitcher time (VMON_EXT)
0x03
V0MON UV deglitcher = 40 µs
0x00
Default
0x00
V1MON UV deglitcher = 5 µs
0x01
V1MON UV deglitcher = 15 µs
0x02
V1MON UV deglitcher = 25 µs
V1MON_UVDGLT_
OTP
Select V1MON UV deglitcher time
0x03
V1MON UV deglitcher = 40 µs
0x00
DEFAULT
0x00
V3MON UV deglitcher = 5 µs
0x01
V3MON UV deglitcher = 15 µs
0x02
V3MON UV deglitcher = 25 µs
0x2E
OTP_UV_DGLT_
CFG
V3MON_UVDGLT_
OTP
Select V3MON UV deglitcher time
0x03
V3MON UV deglitcher = 40 µs
0x00
Default
0x00
V0MON OV deglitcher = 25 µs
V0MON_OVDGLT_
OTP
Select V0MON OV deglitcher time (VMON_EXT)
0x01
V0MON OV deglitcher = 45 µs
0x00
Default
0x00
V1MON OV deglitcher = 25 µs
V1MON_OVDGLT_
OTP
Select V1MON OV deglitcher time
0x01
V1MON OV deglitcher = 45 µs
0x00
Default
0x00
Monitor disabled
V1_UV_PW_EN_
OTP
Enable V1 pre-warning monitor (Typical threshold
is 4.6 V)
0x01
Monitor enabled
0x00
Default
0x00
V3MON OV deglitcher = 25 µs
0x2F
OTP_LIMP_OV_
DGLT_CFG
V3MON_OVDGLT_
OTP
Select V3MON OV deglitcher time
0x01
V3MON OV deglitcher = 45 µs
0x00
Default
0x00
VMON_EXT UV does not
assert RSTB
V0UV_RSTB_
IMPACT_OTP
Configure VMON_EXT UV impact on RSTB
0x01
VMON_EXT UV asserts RSTB
0x00
Default
0x00
VMON_EXT OV does not
assert RSTB
V0OV_RSTB_
IMPACT_OTP
Configure VMON_EXT OV impact on RSTB
0x01
VMON_EXT OV asserts
RSTB
0x00
Default
0x00
V1 UV does not assert RSTB
V1UV_RSTB_
IMPACT_OTP
Configure V1 UV impact on RSTB
0x01
V1 UV asserts RSTB
0x00
Default
0x00
V1 OV does not assert RSTB
V1OV_RSTB_
IMPACT_OTP
Configure V1 OV impact on RSTB
0x01
V1 OV asserts RSTB
0x00
Default
0x30
OTP_RSTB_
IMPACT_CFG
V3UV_RSTB_
IMPACT_OTP
Configure V3 UV impact on RSTB
0x00
V3 UV does not assert RSTB
Table 151. Fail-safe OTP bits description...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
137 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com