Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVBA0ES Datasheet(PDF) 149 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 143Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 144Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 145Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 146Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 147Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 148Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 149Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 150Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 151Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 149 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Figures
Fig. 1.
FS24 product numbering scheme ..................... 5
Fig. 2.
Functional block diagram .................................. 7
Fig. 3.
FS2400 block diagram ...................................... 8
Fig. 4.
FS24 for UWB Simplified application
diagram ..............................................................9
Fig. 5.
FS24 for UWB and BLE Simplified
application diagram ......................................... 10
Fig. 6.
FS2400 pin configuration ................................ 11
Fig. 7.
FS2400 pin configuration legend .....................11
Fig. 8.
Detailed functional state diagram ....................15
Fig. 9.
Simplified INIT state diagram .......................... 16
Fig. 10.
Power sequencing ...........................................17
Fig. 11.
Power-up sequence example ..........................18
Fig. 12.
Debug mode ....................................................19
Fig. 13.
OTP mode time chart ......................................19
Fig. 14.
Debug pin circuitry .......................................... 19
Fig. 15.
Simplified VBOS state diagram .......................21
Fig. 16.
Application schematic, 2.2 MHz HVBUCK,
SPI interface ....................................................26
Fig. 17.
Input voltage range in LPOFF, LPON, and
NORMAL mode ...............................................29
Fig. 18.
Triangular modulation ......................................32
Fig. 19.
Pseudo-random modulation ............................ 32
Fig. 20.
Pseudo-random modulation ............................ 33
Fig. 21.
HVBUCK schematic with connection to V1_
IN .....................................................................33
Fig. 22.
HVBUCK efficiency using 2.25 MHz using
TFM252012ALMA4R7MTAA ........................... 37
Fig. 23.
HVBUCK efficiency at 2.25 MHz using
VLS3015CX-4R7M-H ...................................... 38
Fig. 24.
HVBUCK PFM efficiency .................................38
Fig. 25.
HVLDO3 application schematic .......................39
Fig. 26.
AMUX block diagram ...................................... 41
Fig. 27.
WAKEx/HIDx diagram ..................................... 43
Fig. 28.
Example of application for hardware ID
function (either using solution 1 OR 2) ............ 44
Fig. 29.
Using LIMP0 as a third HW ID pin .................. 44
Fig. 30.
HVIO1 pin ........................................................46
Fig. 31.
Example of HVIO1 pin configuration in the
slots, at power up ........................................... 47
Fig. 32.
Long duration timer block diagram ..................50
Fig. 33.
Long duration timer functions ..........................52
Fig. 34.
CAN FD transceiver internal diagram, with
external components .......................................54
Fig. 35.
CAN transceiver state machine .......................55
Fig. 36.
CAN Wake-up timing diagram .........................56
Fig. 37.
CAN timing definition according to ISO
11898-2:2016 ...................................................57
Fig. 38.
Fail-safe features block diagram ..................... 60
Fig. 39.
Window watchdog time diagram ..................... 62
Fig. 40.
Watchdog error counter configurations ............63
Fig. 41.
Watchdog refresh counter configurations ........ 64
Fig. 42.
External IC monitoring timing diagram ............ 69
Fig. 43.
Fault error counter diagram with maximum
value = 2 or 6 ................................................. 70
Fig. 44.
Fault error counter diagram with maximum
value = 8 or 12 ............................................... 71
Fig. 45.
RSTB pin implementation ............................... 73
Fig. 46.
LIMP0 pin implementation ...............................74
Fig. 47.
CRC encoder example ....................................79
Fig. 48.
SPI timing diagram ..........................................81
Fig. 49.
Top and bottom view .....................................139
Fig. 50.
Detail ............................................................. 140
Fig. 51.
Notes ............................................................. 140
Fig. 52.
Solder mask opening pattern ........................ 141
Fig. 53.
I/O pads solderable area ...............................142
Fig. 54.
Solder paste stencil .......................................143
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
149 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com