Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 89 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 89 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 85Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 86Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 87Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 88Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 89Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 90Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 91Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 92Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 93Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 129 page
background image
Table 34 — Output Slew Rate (single-ended)
Parameter
Symbol
LPDDR2-800
Units
Min
Max
Single-ended Output Slew Rate (RON = 40
Ω ± 30%)
SRQse
1.5
3.5
V/ns
Single-ended Output Slew Rate (RON = 60
Ω ± 30%)
SRQse
1.0
2.5
V/ns
Output slew-rate matching Ratio (Pull-up to Pull-down)
0.7
1.4
Description
SR: Slew Rate
Q: Query Output (like in DQ, which stands for Data-in, Query-Output)
se: Single-ended Signals
NOTE 1 Measured with output reference load.
NOTE 2 The ratio of pull-up to pull-down slew rate is specified for the same temperature and voltage, over the entire temperature
and voltage range. For a given output, it represents the maximum difference between pull-up and pull-down drivers due to
process variation.
NOTE 3 The output slew rate for falling and rising edges is defined and measured between VOL(AC) and VOH(AC).
NOTE 4 Slew rates are measured under normal SSO conditions, with 1/2 of DQ signals per data byte driving logic-high and 1/2 of
DQ signals per data byte driving logic-low.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 89/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com