Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 45 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 45 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 41Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 44Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 49Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 129 page
background image
A: with the time spent in Self-Refresh Mode fully enclosed in the Refresh Window (tREFW),
B: at Self-Refresh entry
C: at Self-Refresh exit
D: with several different intervals spent in Self Refresh during one tREFW interval
In contrast to JESD79 and JESD79-2 and JESD79-3 compliant SDRAM devices, LPDDR2-SX devices allow
significant flexibiliy in scheduling REFRESH commends, as long as the boundary conditions above are met.
In the most straight forward case a REFRESH command should be scheduled every tREFI. In this case Self-Refresh
may be entered at any time. The users may choose to deviate from this regular refresh pattern e.g., to enable a period
where no refreshes are required. In the extreme (e.g., LPDDR2-S4 1Gb) the user may choose to issue a refresh burst
of 4096 REFRESH commands with the maximum allowable rate (limited by tREFBW) followed by a long time without
any REFRESH commands, until the refresh window is complete, then repeating this sequence. The achieveable time
without REFRESH commands is given by tREFW - (R / 8) * tREFBW = tREFW - R * 4 * tRFCab. (e.g., for a LPDDR2-
S4 1Gb device @ Tcase <= 85 C this can be up to 32 ms - 4096 * 4 * 130 ns ~ 30 ms).
While both - the regular and the burst/pause - patterns can satisfy the refresh requirements per rolling refresh interval,
if they are repeated in every subsequent 32 ms window, extreme care must be taken when transitioning from one
pattern to another to satisfy the refresh requirement in every rolling refresh window during the transition. Figure 4.28
shows an example of an allowable transition from a burst pattern to a regular, distributed pattern. If this transition
happens directly after the burst refresh phase, all rolling tREFW intervalls will have at least the required number of
refreshes. Figure 4.29 shows an example of a non-allowable transition. In this case the regular refresh pattern starts
after the completion of the pause-phase of the burst/pause refresh pattern. For several rolling tREFW intervals the
minimmun number of REFRESH commands is not satisfied. The understanding of the pattern transition is extremly
relevant (even if in normal operation only one pattern is employed), as in Self-Refresh-Mode a regular, distributed
refresh pattern has to be assumed, which is reflected in the equation for R* above. Therefore it is recommended to
enter Self-Refresh-Mode ONLY directly after the burst-phase of a burst/pause refresh pattern as indicated in Figure 75
and begin with the burst phase upon exit from Self-Refresh.
Figure 4.27 — LPDDR2-SX: Regular, Distributed Refresh Pattern vs. Repetitive Burst Refresh with
Subsequent Refresh Pause
NOTE 1 For a (e.g.) LPDDR2-S4 1 Gb device @ Tcase less than or equal to 85C the distributed refresh pattern would have one
REFRESH command per 7.8 us; the burst refresh pattern would have an average of one refresh command per 0.52 us followed by
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 45/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com