Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 24 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 24 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 28Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 129 page
background image
4. LPDDR2 Command Definitions and Timing Diagrams
4.1 Active Command
4.1.1
LPDDR2-SX: Activate Command
The SDRAM Activate command is issued by holding CS# LOW, CA0 LOW, and CA1 HIGH at the rising edge of the
clock. The bank addresses BA0 - BA2 are used to select the desired bank. The row address R0 through R14 is used
to determine which row to activate in the selected bank. The Activate command must be applied before any Read or
Write operation can be executed. The LPDDR2 SDRAM can accept a read or write command at time tRCD after the
activate command is sent. Once a bank has been activated it must be precharged before another Activate command
can be applied to the same bank. The bank active and precharge times are defined as tRAS and tRP, respectively.
The minimum time interval between successive Activate commands to the same bank is determined by the RAS cycle
time of the device (tRC). The minimum time interval between Activate commands to different banks is tRRD.
Certain restrictions on operation of the 8-bank devices must be observed. There are two rules. One for restricting the
number of sequential Activate commands that can be issued and another for allowing more time for RAS precharge for
a Precharge All command. The rules are as follows:
• 8-bank device Sequential Bank Activation Restriction : No more than 4 banks may be activated (or refreshed, in the
case of REFpb) in a rolling tFAW window. Converting to clocks is done by dividing tFAW[ns] by tCK[ns], and rounding
up to next integer value. As an example of the rolling window, if RU{ (tFAW / tCK) } is 10 clocks, and an activate
command is issued in clock N, no more than three further activate commands may be issued at or between clock N+1
and N+9. REFpb also counts as bank-activation for the purposes of tFAW.
• 8-bank device Precharge All Allowance : tRP for a Precharge All command for an 8-bank device shall equal tRPab,
which is greater than tRPpb.
Figure 4.1 — LPDDR2-SX: Activate command cycle: tRCD = 3, tRP = 3, tRRD = 2
NOTE 1 A Precharge-All command uses tRPab timing, while a Single Bank Precharge command uses tRPpb timing. In this figure,
tRP is used to denote either an All-bank
Precharge or a Single Bank Precharge.
Figure 4.2 — LPDDR2-SX: tFAW timing
NOTE 1: For 8-bank devices only.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 24/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com