Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 55 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 55 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 54Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 55Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 56Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 57Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 58Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 59Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 129 page
background image
x32 devices, DQ[7:1], DQ[15:9], DQ[23:17], and DQ[31:25] may optionally drive the same information as DQ[0] or may
drive 0b during the MRR burst.
For LPDDR2-SX devices, MRR DQ Calibration commands may only occur in the Idle state
Table 13 — Data Calibration Pattern Description
Bit Time 0 Bit Time 1 Bit Time 2 Bit Time 3
Pattern "A"(MR32)
1
0
1
0
Pattern "B"(MR40)
0
0
1
1
Figure 4.38 — MR32 and MR40 DQ Calibration timing example: RL = 3, tMRR = 2
NOTE 1 Mode Register Read has a burst length of four.
NOTE 2 Mode Register Read operation shall not be interrupted.
NOTE 3 Mode Register Reads to MR32 and MR40 drive valid data on DQ[0] during the entire burst. For x16
devices, DQ[8] shall drive the same information as DQ[0] during the burst. For x32 devices, DQ[8], DQ[16], and DQ[24] shall drive the same
information as DQ[0] during the burst.
NOTE 4 For x8 devices, DQ[7:1] may optionally drive the same information as DQ[0] or they may drive 0b during the burst. For x16 devices,
DQ[7:1] and DQ[15:9] may optionally drive the same information as DQ[0] or they may drive 0b during the burst. For x32 devices, DQ[7:1],
DQ[15:9], DQ[23:17], and DQ[31:25] may optionally drive the same information as DQ[0] or they may drive 0b during the burst.
NOTE 5 The Mode Register Command period is tMRR. No command (other than Nop) is allowed during this period
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 55/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com