Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 15 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 15 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 19Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 129 page
background image
Table 5 – Mode Register Assignment in LPDDR2 SDRAM
MR#
MA<7:0>
Function
Access
OP7 OP6 OP5 OP4 OP3 OP2 OP1 OP0
32
20h
DQ Calibration
Pattern A
R
See " DQ Calibration:
33:39
21h:27h
(Do Not Use)
40
28h
DQ Calibration
Pattern B
R
See " DQ Calibration:
41:47:00
29h:2Fh
(Do Not Use)
48:62
30h~3Eh
(Reserved)
(RFU)
63
3Fh
Reset
W
X
64:126
40h:7Eh
(Reserved)
(RFU)
127
7Fh
(Do Not Use)
128:190
80h: BEh
Reserved for
Vendor Use)
(RFU)
191
BFh
(Do Not Use)
192:254
C0h:FEh
Reserved for
Vendor Use)
(RFU)
255
FFh
(Do Not Use)
The following notes apply to Tables 3-5:
NOTE 1 RFU bits shall be set to ‘0’ during Mode Register writes.
NOTE 2 RFU bits shall be read as ‘0’ during Mode Register reads.
NOTE 3 All Mode Registers that are specified as RFU or write-only shall return undefined data when read and DQS,DQS# shall be toggled.
NOTE 4 All Mode Registers that are specified as RFU shall not be written.
NOTE 5 Writes to read-only registers shall have no impact on the functionality of the device.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 15/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com