Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 96 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 96 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 92Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 93Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 94Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 95Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 96Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 97Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 98Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 99Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 100Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 129 page
background image
8.7.2
Output Driver Temperature and Voltage Sensitivity
If temperature and/or voltage change after calibration, the tolerance limits widen according to the Tables shown below.
Table 39 — Output Driver Sensitivity Definition
Resistor
Vout
Min
Max
Unit
Notes
RONPD
0.5 x
VDDQ
85 - (dRONdT x |
ΔV|) - (dRONdV x|ΔV|) 115 + (dRONdT x |ΔV|) + (dRONdV x|ΔV|)
%
1,2
RONPU
NOTE 1  ΔT = T – T
(@ calibration), ΔV = V-V (@ calibration)
NOTE 2 dRONdT and dRONdV are not subject to production test but are verified by design and characterization.
Table 40 — Output Driver Temperature and Voltage Sensitivity
Symbol
Parameter
Min
Max
Unit
Notes
dRONdT
RON Temperature Sensitivity
0.00
0.75
%/
℃
dRONdV
RON Voltage Sensitivity
0.00
0.75
%/ mV
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 96/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com