Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 83 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 83 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 79Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 80Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 81Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 82Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 83Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 84Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 85Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 86Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 87Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 129 page
background image
Table 27 — Allowed time before ring back (tDVAC) for CK - CK# and DQS - DQS#
Slew Rate [V/ns]
tDVAC [ps]
tDVAC [ps]
@|VIH/Ldiff(ac)| =440mV
@|VIH/Ldiff(ac)| =600mV
Min
Min
>4.0
175
75
4.0
170
57
3.0
167
50
2.0
163
38
1.8
162
34
1.6
161
29
1.4
159
22
1.2
155
13
1.0
150
0
<1.0
150
0
7.4.3
Single-ended requirements for differential signals
Each individual component of a differential signal (CK, DQS, CK#, or DQS#) has also to comply with certain
requirements for single-ended signals.
CK and CK# shall meet VSEH(ac)min / VSEL(ac)max in every half-cycle.
DQS, DQS# shall meet VSEH(ac)min / VSEL(ac)max in every half-cycle preceeding and following a valid transition.
Note that the applicable ac-levels for CA and DQ’s are different per speed-bin.
Figure 7.5 — Single-ended requirement for differential signals.
Note that while CA and DQ signal requirements are with respect to Vref, the single-ended components of differential
signals have a requirement with respect to VDDQ/2 for DQS, DQS# and VDDCA/2 for CK, CK#; this is nominally the
same. The transition of single-ended signals through the ac-levels is used to measure setup time. For single-ended
components of differential signals the requirement to reach VSEL(AC)max, VSEH(AC)min has no bearing on timing,
but adds a restriction on the common mode characteristics of these signals.
The Single-ended requirements for CK, CK#, DQS, and DQS# are found in tables 23 and Single-ended AC and DC
Input Levels for DQ and DM in tables 25, respectively.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 83/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com