Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 77 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 77 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 73Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 74Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 75Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 76Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 77Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 78Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 79Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 80Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 81Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 129 page
background image
6. AC & DC Operating Conditions
Operation or timing that is not specified is illegal, and after such an event, in order to guarantee proper operation, the
LPDDR2 Device must be powered down and then restarted through the specialized initialization sequence before
normal operation can continue.
6.1 Recommended DC Operating Conditions
Table 20 — Recommended LPDDR2-S4 DC Operating Conditions
Symbol
LPDDR2-S4B
DRAM
Unit
Min
Typ
Max
VDD1
1.70
1.80
1.95
Core Power1
V
VDD2
1.14
1.20
1.30
Core Power2
V
VDDCA
1.14
1.20
1.30
Input Buffer Power
V
VDDQ
1.14
1.20
1.30
I/O Buffer Power
V
NOTE 1 VDD1 uses significantly less power than VDD2
6.2 Input Leakage Current
Table 21 — Input Leakage Current
Parameter / Condition
Symbol
min
Max
Unit
Notes
Input Leakage current
IL
-2
2
uA
2
For CA, CKE, CS#, CK, CK#
Any input 0
≤ VIN ≤ VDDCA
(All other pins not under test =0V
VREF supply leakage current
IVREF
-1
1
uA
1
VREFDQ = VDDQ/2 or VREFCA = VDDCA/2
(All other pins not under test =0V)
NOTE 1 The minimum limit requirement is for testing purposes. The leakage current on VREFCA and VREFDQ pins should be minimal.
NOTE 2 Although DM is for input only, the DM leakage shall match the DQ and DQS/DQS# output leakage specification.
6.3 Operating Temperature Range
Table 22 — Operating Temperature Range
Parameter /
Condition
Symbol
Min
Max
Unit
Standard
TOPER
-25
85
℃
NOTE 1 Operating Temperature is the case surface temperature on the center/top side of the LPDDR2 device. For the measurement conditions,
please refer to JESD51-2 standard.
NOTE 2 Either the device case temperature rating or the temperature sensor may be used to set an appropriate refresh rate , determine the need
for AC timing de-rating and/or monitor the operating temperature. When using the temperature sensor, the actual device case temperature may be
higher than the TOPER rating that applies for the Standard or Extended Temperature Ranges. For example, TCASE may be above 85℃ when the
temperature sensor indicates a temperature of less than 85℃.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 77/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com