Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 34 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 34 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 30Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 31Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 38Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 129 page
background image
Figure 4.16 — LPDDR2-SX: Burst write followed by burst read: RL=3, WL = 1, BL = 4
NOTE 1 The minimum number of clock cycles from the burst write command to the burst read command for any bank is [WL + 1 + BL/2 +
RU( tWTR/tCK)].
NOTE 2 tWTR starts at the rising edge of the clock after the last valid input datum.
NOTE 3 If a write burst is truncated with a Burst Terminate (BST) command, the effective burst length of the truncated write burst should be
used as “BL” to calculate the minimum write to read delay.
4.5.1
Writes interrupted by a write
For LPDDR2-S4 devices, burst write can only be interrupted by another write on even clock cycles after the Write
command, provided that tCCD(min) is met.
Figure 4.17 — LPDDR2-SX: Write burst interrupt timing: WL = 1, BL = 8, tCCD = 2
NOTE 1 For LPDDR2-S4 devices, write burst interrupt function is only allowed on burst of 8 and burst of 16.
NOTE 2 For LPDDR2-S4 devices, write burst interrupt may only occur on even clock cycles after the previous write commands, provided that
tCCD(min) is met.
NOTE 3 Writes can only be interrupted by other writes or the BST command.
NOTE 4 Write burst interruption is allowed to any bank inside DRAM.
NOTE 5 Write burst with Auto-Precharge is not allowed to be interrupted
NOTE 6 The effective burst length of the first write equals two times the number of clock cycles between the first write and the interrupting
write.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 34/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com