Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 93 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 93 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 89Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 90Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 91Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 92Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 93Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 94Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 95Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 96Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 97Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 129 page
background image
8.6 Output buffer characteristics
8.6.1
HSUL_12 Driver Output Timing Reference Load
These ‘Timing Reference Loads’ are not intended as a precise representation of any particular system environment or
a depiction of the actual load presented by a production tester. System designers should use IBIS or other simulation
tools to correlate the timing reference load to a system environment. Manufacturers correlate to their production test
conditions, generally one or more coaxial transmission lines terminated at the tester electronics.
LPDDR2
VREF
Output
0.5 X VDDQ
50Ω
VTT = 0.5 X VDDQ
CLOAD = 5pF
Figure 8.4 — HSUL_12 Driver Output Reference Load for Timing and Slew Rate
NOTE 1: All output timing parameter values (like tDQSCK, tDQSQ, tQHS, tHZ, tRPRE etc.) are reported with respect to this reference load. This
reference load is also used to report slew rate.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 93/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com