Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 66 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 66 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 62Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 63Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 64Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 65Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 66Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 67Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 68Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 69Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 70Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 129 page
background image
4.14
LPDDR2-SX: Deep Power-Down
Deep Power-Down is entered when CKE is registered LOW with CS# LOW, CA0 HIGH, CA1 HIGH, and CA2 LOW at
the rising edge of clock. A NOP command must be driven in the clock cycle following the power-down command. CKE
is not allowed to go LOW while mode register, read, or write operations are in progress.
All banks must be in idle state with no activity on the data bus prior to entering the Deep Power Down mode. During
Deep Power-Down, CKE must be held LOW.
In Deep Power-Down mode, all input buffers except CKE, all output buffers, and the power supply to internal circuitry
may be disabled within the SDRAM. All power supplies must be within specified limits prior to exiting Deep Power-
Down. VrefDQ and VrefCA may be at any level within minimum and maximum levels (see “Absolute Maximum DC
Ratings”). However prior to exiting Deep Power-Down, Vref must be within specified limits ( See “Recommended DC
Operating Conditions” ).
The contents of the SDRAM may be lost upon entry into Deep Power-Down mode.
The Deep Power-Down state is exited when CKE is registered HIGH, while meeting tISCKE with a stable clock input.
The SDRAM must be fully re-initialized as described in the Power up initialization Sequence. The SDRAM is ready for
normal operation after the initialization sequence
CK#
CK
CKE
CS#
CMD NOP
Enter
DPD
NOP
Exit
DPD
NOP
RESET
tISCKE
tISCKE
tDPD
tIHCKE
Enter DPD mode
Exit DPD mode
Input clock frequency can be changed
or clock can be stopped during self DPD.
Don
't care
tRP
2 tCK (MIN)
tINIT3
Figure 4.56 — LPDDR2-SX: Deep power down entry and exit timing diagram
NOTE 1 Initialization sequence may start at any time after Tc.
NOTE 2 tINIT3, and Tc refer to timings in the LPDDR2 initialization sequence. For more detail, see 3.4.
NOTE 3 Input clock frequency may be changed or the input clock stopped during deep power-down, provided that upon exiting deep power-
down, the clock is stable and within specified limits for a minimum of 2 clock cycles prior to deep power-down exit and the clock frequency is
between the minimum and maximum frequency for the particular speed grade.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 66/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com