Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 95 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 95 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 91Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 92Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 93Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 94Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 95Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 96Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 97Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 98Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 99Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 129 page
background image
8.7.1
RONPU and RONPD Characteristics with ZQ Calibration
Output driver impedance RON is defined by the value of the external reference resistor RZQ. Nominal RZQ is 240
Ω.
Table 38 — Output Driver DC Electrical Characteristics with ZQ Calibration
RONNOM
Resistor
Vout
Min
Nom
Max
Unit
Notes
34.3
Ω
RON34PD
0.5 x VDDQ
0.85
1.00
1.15
RZQ/7
1,2,3,4
RON34PU
0.5 x VDDQ
0.85
1.00
1.15
RZQ/7
1,2,3,4
40.0
Ω
RON40PD
0.5 x VDDQ
0.85
1.00
1.15
RZQ/6
1,2,3,4
RON40PU
0.5 x VDDQ
0.85
1.00
1.15
RZQ/6
1,2,3,4
48.0
Ω
RON48PD
0.5 x VDDQ
0.85
1.00
1.15
RZQ/5
1,2,3,4
RON48PU
0.5 x VDDQ
0.85
1.00
1.15
RZQ/5
1,2,3,4
60.0
Ω
RON60PD
0.5 x VDDQ
0.85
1.00
1.15
RZQ/4
1,2,3,4
RON60PU
0.5 x VDDQ
0.85
1.00
1.15
RZQ/4
1,2,3,4
80.0
Ω
RON80PD
0.5 x VDDQ
0.85
1.00
1.15
RZQ/3
1,2,3,4
RON80PU
0.5 x VDDQ
0.85
1.00
1.15
RZQ/3
1,2,3,4
120.0
Ω
RON120PD
0.5 x VDDQ
0.85
1.00
1.15
RZQ/2
1,2,3,4
(Optional)
RON120PU
0.5 x VDDQ
0.85
1.00
1.15
RZQ/2
1,2,3,4
Mismatch between
MMPUPD
-15.00
15.00
%
1,2,3,4,5
Pull-up and Pull-down
NOTE 1 Across entire operating temperature range, after calibration.
NOTE 2 RZQ = 240
 .
NOTE 3 The tolerance limits are specified after calibration with fixed voltage and temperature. For behavior of the tolerance limits if
temperature or voltage changes after calibration, see following section on voltage and temperature sensitivity.
NOTE 4 Pull-down and pull-up output driver impedances are recommended to be calibrated at 0.5 x VDDQ.
NOTE 5 Measurement definition for mismatch between pull-up and pull-down, MMPUPD: Measure RONPU and RONPD, both at 0.5 x VDDQ:
  
For example, with MMPUPD(max) = 15% and RONPD = 0.85, RONPU must be less than 1.0.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 95/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com