Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 98 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 98 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 94Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 95Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 96Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 97Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 98Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 99Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 100Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 101Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 102Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 129 page
background image
8.7.4
RZQ I-V Curve
Table 42 — RZQ I-V Curve
Voltage
[V]
RON = 240
Ω (RZQ)
Pull -Down
Pull -Up
Current [mA] / RON [Ohms]
Current [mA] / RON [Ohms]
Default value
after ZQReset
With
Calibration
Default value
after ZQReset
With
Calibration
Min
Max
Min
Max
Min
Max
Min
Max
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.00
0.05
0.19
0.32
0.21
0.26
-0.19
-0.32
-0.21
-0.26
0.10
0.38
0.64
0.40
0.53
-0.38
-0.64
-0.40
-0.53
0.15
0.56
0.94
0.60
0.78
-0.56
-0.94
-0.60
-0.78
0.20
0.74
1.26
0.79
1.04
-0.74
-1.26
-0.79
-1.04
0.25
0.92
1.57
0.98
1.29
-0.92
-1.57
-0.98
-1.29
0.30
1.08
1.86
1.17
1.53
-1.08
-1.86
-1.17
-1.53
0.35
1.25
2.17
1.35
1.79
-1.25
-2.17
-1.35
-1.79
0.40
1.40
2.46
1.52
2.03
-1.40
-2.46
-1.52
-2.03
0.45
1.54
2.74
1.69
2.26
-1.54
-2.74
-1.69
-2.26
0.50
1.68
3.02
1.86
2.49
-1.68
-3.02
-1.86
-2.49
0.55
1.81
3.30
2.02
2.72
-1.81
-3.30
-2.02
-2.72
0.60
1.92
3.57
2.17
2.94
-1.92
-3.57
-2.17
-2.94
0.65
2.02
3.83
2.32
3.15
-2.02
-3.83
-2.32
-3.15
0.70
2.11
4.08
2.46
3.36
-2.11
-4.08
-2.46
-3.36
0.75
2.19
4.31
2.58
3.55
-2.19
-4.31
-2.58
-3.55
0.80
2.25
4.54
2.70
3.74
-2.25
-4.54
-2.70
-3.74
0.85
2.30
4.74
2.81
3.91
-2.30
-4.74
-2.81
-3.91
0.90
2.34
4.92
2.89
4.05
-2.34
-4.92
-2.89
-4.05
0.95
2.37
5.08
2.97
4.23
-2.37
-5.08
-2.97
-4.23
1.00
2.41
5.20
3.04
4.33
-2.41
-5.20
-3.04
-4.33
1.05
2.43
5.31
3.09
4.44
-2.43
-5.31
-3.09
-4.44
1.10
2.46
5.41
3.14
4.52
-2.46
-5.41
-3.14
-4.52
1.15
2.48
5.48
3.19
4.59
-2.48
-5.48
-3.19
-4.59
1.20
2.50
5.55
3.23
4.65
-2.50
-5.55
-3.23
-4.65
Figure 8.6 — RON = 240 Ohms
IV Curve after ZQReset
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 98/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com