Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 101 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 101 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 97Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 98Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 99Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 100Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 101Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 102Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 103Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 104Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 105Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 129 page
background image
10.
IDD Specification Parameters and Test Conditions
10.1
IDD Measurement Conditions
The following definitions are used within the IDD measurement tables:
LOW: VIN VIL(DC) MAX
HIGH: VIN VIH(DC) MIN
STABLE: Inputs are stable at a HIGH or LOW level
SWITCHING: See Table 44 and Table 45.
Table 44 — Definition of Switching for CA Input Signals
Switching for CA
CK (RISING)
/ CK#
(FALLING)
CK
(FALLING)
/ CK#
(RISING)
CK (RISING)
/ CK#
(FALLING)
CK
(FALLING)
/ CK#
(RISING)
CK (RISING)
/ CK#
(FALLING)
CK
(FALLING)
/ CK#
(RISING)
CK (RISING)
/ CK#
(FALLING)
CK
(FALLING)
/ CK#
(RISING)
Cycle
N
N+1
N+2
N+3
CS#
HIGH
HIGH
HIGH
HIGH
CA0
HIGH
LOW
LOW
LOW
LOW
HIGH
HIGH
HIGH
CA1
HIGH
HIGH
HIGH
LOW
LOW
LOW
LOW
HIGH
CA2
HIGH
LOW
LOW
LOW
LOW
HIGH
HIGH
HIGH
CA3
HIGH
HIGH
HIGH
LOW
LOW
LOW
LOW
HIGH
CA4
HIGH
LOW
LOW
LOW
LOW
HIGH
HIGH
HIGH
CA5
HIGH
HIGH
HIGH
LOW
LOW
LOW
LOW
HIGH
CA6
HIGH
LOW
LOW
LOW
LOW
HIGH
HIGH
HIGH
CA7
HIGH
HIGH
HIGH
LOW
LOW
LOW
LOW
HIGH
CA8
HIGH
LOW
LOW
LOW
LOW
HIGH
HIGH
HIGH
CA9
HIGH
HIGH
HIGH
LOW
LOW
LOW
LOW
HIGH
NOTE 1 CS# must always be driven HIGH.
NOTE 2 50% of CA bus is changing between HIGH and LOW once per clock for the CA bus.
NOTE 3 The above pattern (N, N+1, N+2, N+3...) is used continuously during IDD measurement for IDD values that require SWITCHING on
the CA bus.
Table 45 — Definition of Switching for IDD4R
Clock
CKE
CS#
Clock Cycle
Number
Command
CA0 - CA2
CA3-CA9
ALL DQ
Rising
HIGH
LOW
N
Read_Rising
HLH
LHLHLHL
L
Falling
HIGH
LOW
N
Read_Falling
LLL
LLLLLLL
L
Rising
HIGH
HIGH
N+1
NOP
LLL
LLLLLLL
H
Falling
HIGH
HIGH
N+1
NOP
HLH
HLHLLHL
L
Rising
HIGH
LOW
N+2
Read_Rising
HLH
HLHLLHL
H
Falling
HIGH
LOW
N+2
Read_Falling
HHH
HHHHHHH
H
Rising
HIGH
HIGH
N+3
NOP
HHH
HHHHHHH
H
Falling
HIGH
HIGH
N+3
NOP
HLH
LHLHLHL
L
NOTE 1 Data strobe (DQS) is changing between HIGH and LOW every clock cycle.
NOTE 2 The above pattern (N, N+1...) is used continuously during IDD measurement for IDD4R.
Table 46 — Definition of Switching for IDD4W
Clock
CKE
CS#
Clock Cycle
Number
Command
CA0 - CA2
CA3-CA9
ALL DQ
Rising
HIGH
LOW
N
Write_Rising
HLH
LHLHLHL
L
Falling
HIGH
LOW
N
Write_Falling
LLL
LLLLLLL
L
Rising
HIGH
HIGH
N+1
NOP
LLL
LLLLLLL
H
Falling
HIGH
HIGH
N+1
NOP
HLH
HLHLLHL
L
Rising
HIGH
LOW
N+2
Write_Rising
HLL
HLHLLHL
H
Falling
HIGH
LOW
N+2
Write_Falling
HHH
HHHHHHH
H
Rising
HIGH
HIGH
N+3
NOP
HHH
HHHHHHH
H
Falling
HIGH
HIGH
N+3
NOP
HLH
LHLHLHL
L
NOTE 1 Data strobe (DQS) is changing between HIGH and LOW every clock cycle.
NOTE 2 Data masking (DM) must always be driven LOW.
NOTE 3 The above pattern (N, N+1...) is used continuously during IDD measurement for IDD4W.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 101/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com