Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 102 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 102 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 98Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 99Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 100Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 101Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 102Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 103Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 104Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 105Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 106Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 129 page
background image
10.2
IDD Specifications
IDD values are for the entire operating voltage range, and all of them are for the entire standard range, with the
exception of IDD6ET which is for the entire extended temperature range.
Table 47 — LPDDR2 IDD Specification Parameters and Operating Conditions
Parameter / Condition
Symbol
Power
Supply
400MHz
Units
Notes
x16
x32
Operating one bank active-precharge current (SDRAM):
IDD01
VDD1
6
6
mA
3
tCK = tCK(avg)min; tRC = tRCmin;
IDD02
VDD2
35
35
mA
3
CKE is HIGH;
IDD0IN
VDDCA
+
VDDQ
5
5
mA
3,4
CS# is HIGH between valid commands;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
Idle power-down standby current:
IDD2P1
VDD1
0.4
mA
3
tCK = tCK(avg)min;
CKE is LOW;
IDD2P2
VDD2
1.0
mA
3
CS# is HIGH;
All banks/RBs idle;
IDD2PIN
VDDCA
+
VDDQ
0.1
mA
3,4
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
Idle power-down standby current with clock stop:
IDD2PS1
VDD1
0.4
mA
3
CK =LOW, CK# =HIGH;
CKE is LOW;
IDD2PS2
VDD2
1.0
mA
3
CS# is HIGH;
All banks/RBs idle;
IDD2PSIN
VDDCA
+
VDDQ
0.1
mA
3,4
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
Idle non power-down standby current:
IDD2N1
VDD1
1
1
mA
3
tCK = tCK(avg)min;
IDD2N2
VDD2
8
8
mA
3
CKE is HIGH;
IDD2NIN
VDDCA
+
VDDQ
5
5
mA
3,4
CS# is HIGH;
All banks/RBs idle;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
Idle non power-down standby current with clock stop:
IDD2NS1
VDD1
1
1
mA
3
CK =LOW, CK# =HIGH;
IDD2NS2
VDD2
4
4
mA
3
CKE is HIGH;
IDD2NSIN
VDDCA
+
VDDQ
5
5
mA
3,4
CS# is HIGH;
All banks/RBs idle;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
Active power-down standby current:
IDD3P1
VDD1
2
2
mA
3
tCK = tCK(avg)min;
IDD3P2
VDD2
4
4
mA
3
CKE is LOW;
IDD3PIN
VDDCA
+
VDDQ
0.1
0.1
mA
3,4
CS# is HIGH;
One bank/RB active;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
Active power-down standby current with clock stop:
IDD3PS1
VDD1
2
2
mA
3
CK=LOW, CK#=HIGH;
IDD3PS2
VDD2
4
4
mA
3
CKE is LOW;
IDD3PSIN
VDDCA
+
VDDQ
0.1
0.1
mA
3,4
CS# is HIGH;
One bank/RB active;
CA bus inputs are STABLE;
Data bus inputs are STABLE
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 102/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com