Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 54 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 54 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 54Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 55Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 56Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 57Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 58Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 129 page
background image
TempGradient is the maximum temperature gradient experienced by the memory device at the temperature of interest
over a range of 2
° C.
ReadInterval is the time period between MR4 reads from the system.
TempSensorInterval (tTSI) is maximum delay between internal updates of MR4.
SysRespDelay is the maximum time between a read of MR4 and the response by the system.
LPDDR2 devices shall allow for a 2
° C temperature margin between the point at which the device temperature enters
the Extended Temperature Range and point at which the controller re-configures the system accordingly.
In order to determine the required frequency of polling MR4, the system shall use the maximum TempGradient and
the maximum response time of the system using the following equation:
  
Table 12 — Temperature Sensor
Parameter
Symbol
Max/Min
Value
Unit
Notes
System Temperature Gradient TempGradient
MAX
System Dependent
℃/s
MR4 Read Interval
ReadInterval
MAX
System Dependent
ms
Temperature Sensor Interval
tTSI
MAX
32
ms
System Response Delay
SysRespDelay
MAX
System Dependent
ms
Device Temperature Margin
TempMargin
MAX
2
℃
For example, if TempGradient is 10oC/s and the SysRespDelay is 1 ms:
  
In this case, ReadInterval shall be no greater than 167 ms.
Device
Temp
Margin
Temp
MR4
Trip Level
Host MR4 READ
MR4 = 0x03
MR4 = 0x86
MR4 = 0x86
MR4 = 0x86
Time
ReadInterval
MRR MR4 = 0x03
MRR MR4 = 0x86
Temperture sensor update
MR4 = 0x86
<(tTSI + ReadInterval + SysRespDelay
tTSI
Temp
Gradie
nt
SysRespDelay
2C
Figure 4.37 — Temp Sensor Timing
4.11.2
DQ Calibration
LPDDR2-SX feature a DQ Calibration function that outputs one of two predefined system timing calibration patterns. A
Mode Register Read to MR32 (Pattern “A”) or MR40 (Pattern “B”) will return the specified pattern on DQ[0] for x8
devices, DQ[0] and DQ[8] for x16 devices, and DQ[0], DQ[8], DQ[16], and DQ[24] for x32 devices. For x8 devices,
DQ[7:1] may optionally drive the same information as DQ[0] or may drive 0b during the MRR burst. For x16 devices,
DQ[7:1] and DQ[15:9] may optionally drive the same information as DQ[0] or may drive 0b during the MRR burst. For
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 54/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com