Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 20 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 20 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 24Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 129 page
background image
NOTE 3 If OP2 equals ‘1’, the device temperature is greater than 85℃
NOTE 4 OP7 is set to ‘1’ if OP2:OP0 has changed at any time since the last read of MR4.
NOTE 5 LPDDR2 might not operate properly when OP[2:0] = 000B or 111B.
NOTE 6 LPDDR2-SX devices shall be de-rated by adding 1.875 ns to the following core timing parameters: tRCD, tRC, tRAS, tRP, and tRRD.
tDQSCK shall be de-rated according to the tDQSCK de-rating in Table 52. Prevailing clock frequency spec and related setup and hold timings
shall remain unchanged.
NOTE 8 See “Temperature Sensor” for information on the recommended frequency of reading MR4.
MR5 Basic Configuration 1 (MA <7:0> =05H) :
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
LPDDR2 Manufacture ID
LPDDR2 Manufacture ID
Read-
only
OP<7:0>
0000 0000B : Reserved
0000 0001B : Samsung
0000 0010B : Qimonda
0000 0011B : Elpida
0000 0100B : Etron
0000 0101B : Nanya
0000 0111B : Mosel
0000 1000B : Winbond
0000 1001B : ESMT
0000 1010B : Reserved
0000 1011B : Spansion
0000 1100B : SST
0000 1101B : ZMOS
0000 1110B : Intel
0001 1100B :
Alliance
1111 1110B : Numonyx
1111 1111B : Micron
All Others : Reserved
MR6_Basic Configuration 2 (MA<7:0> = 06H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Revision ID1
Revision ID1
Read-
only
OP<7:0>
0000 0001B: B-version
NOTE 1 MR6 is Vendor Specific
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 20/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com