Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M32MD2-25BCN Datasheet(PDF) 78 Page - Alliance Semiconductor Corporation

Part # AS4C64M32MD2-25BCN
Description  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN Datasheet(HTML) 78 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 74Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 75Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 76Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 77Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 78Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 79Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 80Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 81Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 82Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 129 page
background image
7.
AC and DC Input Measurement Levels
7.1 AC and DC Logic Input Levels for Single-Ended Signals
7.1.1
AC and DC Input Levels for Single-Ended CA and CS# Signals
Table 23 — Single-Ended AC and DC Input Levels for CA and CS# Inputs
Symbol
Parameter
LPDDR2-800
Unit
Notes
Min
Max
VIHCA(AC)
AC input logic high
Vref +0.220
Note 2
V
1,2
VILCA(AC)
AC input logic low
Note 2
Vref - 0.220
V
1,2
VIHCA(DC)
DC input logic high
Vref + 0.130
VDDCA
V
1
VILCA(DC)
DC input logic low
VSSCA
Vref -0.130
V
1
VrefCA(DC)
Reference Voltage for CA and CS# inputs
0.49 * VDDCA
0.51 * VDDCA
V
3,4
NOTE 1 For CA and CS# input only pins Vref = VrefCA(DC)
NOTE 2 see 8.5 Overshoot and Undershoot Specifications.
NOTE 3 The ac peak noise on VrefCA may not allow VrefCA to deviate from VrefCA(DC) by more than ± 1% VDDCA (for reference : approx.
±12mV)
NOTE 4 For reference : approx. VDDCA/2 ±12mV
7.1.2
AC and DC Input Levels for CKE
Table 24 — Single-Ended AC and DC Input Levels for CKE
Symbol
Parameter
Min
Max
Unit
Notes
VIHCKE
CKE INPUT HIGH LEVEL
0.8* VDDCA
Note 1
V
1
VILCKE
CKE INPUT LOW LEVEL
Note 1
0.2 * VDDCA
V
1
NOTE 1 See 8.5 Overshoot and Undershoot Specifications.
7.1.3
AC and DC Input Levels for Single-Ended Data Signals
Table 25 — Single-Ended AC and DC Input Levels for DQ and DM
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466
Unit
Notes
Min
Max
VIHDQ(AC)
AC input logic high
Vref +0.220
Note 2
V
1,2
VILDQ(AC)
AC input logic low
Note 2
Vref - 0.220
V
1,2
VIHDQ(DC)
DC input logic high
Vref + 0.130
VDDQ
V
1
VILDQ(DC)
DC input logic low
VSSQ
Vref -0.130
V
1
VrefDQ(DC)
Reference Voltage for DQ , DM inputs
0.49 * VDDQ
0.51 * VDDQ
V
3,4
NOTE 1 For DQ input only pins Vref = VrefDQ(DC)
NOTE 2 see 8.5 Overshoot and Undershoot Specifications.
NOTE 3 The ac peak noise on VrefDQ may not allow VrefDQ to deviate from VrefDQ(DC) by more than ± 1% VDDQ (for reference : approx.
±12mV)
NOTE 4 For reference : approx. VDDDQ/2 ±12mV
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 78/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com