Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5024AMBA0ES Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
15 / 93
By default, the VSWx_STBY[7:0] register is loaded with the data stored in the
OTP_VSWx[7:0] bit.
Upon power up, if the switching regulator is part of the power up sequence, the
SWx_STBY_MODE[1:0] bits will be loaded as needed by the system:
• When OTP_SYNC_MODE = 1, default SWx_STBY_MODE at power up is always set
to PWM (0b01)
• When OTP_SYNC_MODE = 0 and OTP_SYNCOUT_EN = 1, default
SWx_STBY_MODE at power up is always set to PWM (0b01)
• When OTP_FSS_EN = 1, default SWx_STBY_MODE at power up shall always set to
PWM (0b01)
• If none of the above conditions are met, the default value of the SWx_STBY_MODE
bits at power up will be set by the OTP_SW_MODE bits.
When OTP_SW_MODE = 0, the default value of the SWx_STBY_MODE bits are set to
0b11 (autoskip).
When OTP_SW_MODE = 1, the default value of the SWx_STBY_MODE bits are set to
0b01 (PWM).
If the switching regulator is not part of the power up sequence, the
SWx_STBY_MODE[1:0] bits are loaded with 0b00 (Off mode).
Upon power up, the standby registers are loaded with the same default OTP values as
the run mode. The MCU is expected to program the desired standby values during boot
up.
If any of the external regulators are disabled in the standby state, the power down
sequencer is engaged as described in Section 14.6.2 "Power down sequencing".
13.1.7 WD_Reset
When a hard watchdog reset is present, the state machine increments the
WD_EVENT_CNT[3:0] register and compares against the WD_MAX_CNT[3:0] register.
If WD_EVENT_CNT[3:0] = WD_MAX_CNT[3:0], the state machine detects a cyclic
watchdog failure, it powers down the external regulators and proceeds to the fail-safe
transition.
If WD_EVENT_CNT[3:0] < WD_MAX_CNT[3:0], the state machine performs a hard WD
reset.
A hard WD reset can be generated from either a transition in the WDI pin or a WD event
initiated by the internal watchdog counter as described in Section 15.7.2 "Watchdog reset
behaviors".
13.1.8 Power down state
During power down state, all regulators are disabled as configured in the power down
sequence. The power down sequence is programmable as defined in Section 14.6.2
"Power down sequencing".
Two types of events may lead to the power down sequence:
• Non faulty turn off events: move directly into LP_Off state as soon as power down
sequence is finalized.
• Turn off events due to a PMIC fault: move to the fail-safe transition as soon as the
power down sequence is finalized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com