Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 21Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 22Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 23Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 24Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 25Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 26Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 27Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 28Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 335 page
background image
Electrical Characteristics
Dynamic Electrical Characteristics
MM912F634
Freescale Semiconductor
25
3.6.2
Dynamic Electrical Characteristics MCU Die
3.6.2.1
NVM Timing
The time base for all NVM program or erase operations is derived from the bus block. A minimum bus frequency fNVMBUS is
required for performing program or erase operations. The NVM module do not has any means to monitor the frequency and will
not prevent a program or erase operation at frequencies above or below the specified minimum. Attempting to program or erase
the NVM modules at a lower frequency, a full program, or erase transition is not assured.
The Flash program and erase operations are timed using a clock derived from the bus clock using the FCLKDIV and register.
The frequency of this clock must be set within the limits specified as fNVMOP.
The minimum program and erase times shown in Table 37 are calculated for maximum fNVMOP and maximum fBUS. The
maximum times are calculated for minimum fNVMOP and a fBUS of 2.0 MHz.
3.6.2.1.1
Single Word Programming
The programming time for single word programming is dependant on the bus frequency as a well as on the frequency fNVMOP,
and can be calculated according to the following formula.
Table 35. Dynamic Electrical Characteristics - General Purpose I/O - PTB[0…2]
Ratings
Symbol
Min
Typ
Max
Unit
GPIO Digital Frequency(28)
fPTB
--
10
MHz
Propagation Delay - Rising Edge(28), (29)
tPDR
-
-
20
ns
Rise Time - Rising Edge(28)
tRISE
--
17.5
ns
Propagation Delay - Falling Edge(28)
tPDF
-
-
20
ns
Rise Time - Falling Edge(28)
tFALL
--
17.5
ns
Note:
28. Guaranteed by design.
29. Load PTBx = 100 pF.
Table 36. Dynamic Electrical Characteristics - Analog Digital Converter - ADC
Ratings
Symbol
Min
Typ
Max
Unit
ADC Operating Frequency(30)
fADC
1.6
2.0
2.4
MHz
Conversion Time (from ACCR write to CC Flag)(30)
tCONV
26
clk
Sample Frequency Channel 14 (Bandgap)(30)
fCH14
--
2.5
kHz
Note:
30. Guaranteed by design.
t
swpgm
9
1
f
NVMOP
-------------------------
⋅
25
1
f
bus
-----------
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com