Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 74Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 75Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 76Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 77Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 78Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 81Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 335 page
background image
Functional Description and Application Information
Window Watchdog
MM912F634
Freescale Semiconductor
78
4.9.1
Register Definition
4.9.1.1
Watchdog Register (WDR)
4.9.1.2
Watchdog Service Register (WDSR)
Table 91. Watchdog Register (WDR)
Offset(71) 0x10
Access: User read/write
76
543
210
R
WDOFF
WDWO
0
00
WDTO
W
Reset
0
00
000
00
Note:
71. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 92. WDR - Register Field Descriptions
Field
Description
7 - WDOFF
watchdog Off - Indicating the Watchdog module is being disabled externally.
6 - WDWO
Watchdog Window Open - Indicating the Watchdog Window is currently open for counter reset.
2-0
WDTO[2:0]
Watchdog Timeout Configuration - configuring the Watchdog timeout duration tWDTO.
000 - 10 ms
001 - 20 ms
010 - 40 ms
011 - 80 ms
100 - 160 ms
101 - 320 ms
110 - 640 ms
111 - 1280 ms
Table 93. Watchdog Service Register (WDSR)
Offset(72) 0x11
Access: User read/write
76
543
210
R
WDSR
W
Reset
0
10
101
01
Note:
72. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 94. WDSR - Register Field Descriptions
Field
Description
7-0
WDSR
Watchdog Service Register - Writing this register with the correct value (0xAA alternating 0x55) while the window is open
will reset the watchdog counter. Writing the register while the watchdog is disabled will have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com