Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 335 page
background image
Electrical Characteristics
Static Electrical Characteristics
MM912F634
Freescale Semiconductor
15
Line Regulation
Normal Mode, IVDDX =80 mA
Stop Mode, IVDDX = 500 µA
LRXRUN
LRXSTOP
-
-
20
-
25
200
mV
Load Regulation
Normal Mode, 1.0 mA < IVDDX < 80 mA
Normal Mode, VSUP = 3.6 V, 1.0 mA < IVDDX < 40 mA
Stop Mode, 100 µA < IVDDX < 500 µA
LDXRUN
LDXCRK
LDXSTOP
-
-
-
15
-
-
80
200
250
mV
External Capacitor
CVDDX
1.0
-
10
µF
External Capacitor ESR
CVDDX_R
--
10
Ohm
Table 14. Static Electrical Characteristics - Voltage Regulator 2.5 V (VDD)
Ratings
Symbol
Min
Typ
Max
Unit
Normal Mode Output Voltage
1.0 mA < IVDD <= 45 mA; 5.5 V < VSUP < 27 V
VDDRUN
2,425
2.5
2,575
V
Normal Mode Output Current Limitation (IVDD)
TJ < 25 °C
TJ ≥ 25 °C
IVDDLIMRUN
-
-
80
80
120
143
mA
Stop Mode Output Voltage´
(IVDD < 500 µA for TJ ≥ 25 °C; IVDD < 400 µA for TJ < 25 °C)
VDDSTOP
2.25
2.5
2.75
V
Stop Mode Output Current Limitation (IVDD)IVDDLIMSTOP
--
10
mA
Line Regulation
Normal Mode, IVDD =45 mA
Stop Mode, IVDD =1.0 mA
LRRUN
LRSTOP
-
-
10
-
12.5
200
mV
Load Regulation
Normal Mode, 1.0 mA < IVDD < 45 mA
Normal Mode, VSUP = 3.6 V, 1.0 mA < IVDD < 30 mA
Stop Mode, 100 µA < IVDD < 500 µA
LDRUN
LDCRK
LDSTOP
-
-
-
7.5
-
-
40
40
200
mV
External Capacitor
CVDD
1.0
-
10
µF
External Capacitor ESR
CVDD_R
--
10
Ohm
Table 15. Static Electrical Characteristics - Hall Sensor Supply Output - HSUP
Ratings
Symbol
Min
Typ
Max
Unit
Current Limitation (3.7 V
≤ V
SUP ≤ 18 V)
IHSUP
40
70
90
mA
Output Drain-to-Source On resistance
TJ= 150 °C, ILOAD =30 mA; 5.5V ≤ VSUP ≤ 16 V
TJ= 150 °C, ILOAD =30 mA; 3.7V ≤ VSUP < 5.5 V
RDS(ON)
-
-
-
-
10
12
Ohm
Output Voltage: (18 V
≤ V
SUP ≤ 27 V)
VHSUPmax
16
17.5
18
V
Load Regulation (1.0 mA < IHSUP < 30 mA; VSUP > 18 V)
LDHSUP
-
-
500
mV
Hall Supply Capacitor Range
CHSUP
0.22
-
10
µF
External Capacitor ESR
CHSUP_R
--
10
Ohm
Table 13. Static Electrical Characteristics - Voltage Regulator 5V (VDDX) (continued)
Ratings
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com