Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 25Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 26Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 27Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 28Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 29Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 30Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 31Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 32Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 335 page
background image
Electrical Characteristics
Dynamic Electrical Characteristics
MM912F634
Freescale Semiconductor
29
3.6.2.3
Reset, Oscillator and Internal Clock Generation
3.6.2.3.1
Startup & FLL Characteristics
Table 39 summarizes several startup characteristics explained in this section. Detailed description of the startup behavior can be
found in the Clock and Reset Generator (CRG) block description.
Table 39. Startup & FLL Characteristics
Rating
Symbol
Min
Typ
Max
Unit
Internal Reference Frequency(40) (-40
°C ≤ TJ ≤ 105 °C)
fIREF_TRIM
31.36
32
32.64
kHz
Internal Reference Frequency(40) (-40
°C ≤ TJ ≤ 140 °C)
fIREF_TRIM
30.40
32
33.60
kHz
Allowed frequency range for FLL Reference Clock
fFLLREF
25.52
-
40
kHz
DCO Frequency locking range
fDCO
32
-
40
MHz
DCO minimum frequency
fDCO_MIN
18
-
29
MHz
DCO stabilization delay in frequency locked loop
tSTAB
-0.3
-
ms
Lock Detection
|
ΔLOCK |
0
-
1.5
%(41)
Un-lock Detection
|
ΔUNLOCCK |
0.5
-
2.5
%(41)
DCO quantization error
ΔtDCO(42)
--
0.2
%tDCO
STOP recovery time
(Internal Reference Clock trimmed to 32 kHz)
tSTP_REC
-20
-
μs
Oscillator Monitor Failure Assert Frequency
fOMFA
50
-
200
kHz
Reset input pulse width, minimum input time
PWRSTL
2.0
-
-
tDCO_MIN
Startup from Reset
nRST
772
-
773
tDCO_MIN
Note:
40. Reference Frequency is factory trimmed
41. % deviation from target frequency, target frequency is fIREF_TRIM * (1000 + 2*MULT[6:0])
42. fDCO = 40 MHz, fIREF_TRIM = 32 kHz, MULT = $7D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com