| Electronic Components Datasheet Search |
|
MM912F634CV2AP Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MM912F634CV2AP Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc |
|
57 / 335 page ![]() Functional Description and Application Information Modes of Operation MM912F634 Freescale Semiconductor 57 4.3.5 Sleep Mode The Sleep mode will allow very low current consumption. In this mode, both voltage regulators (VDD and VDDX) are inactive. The device can enter into Sleep mode by configuring the Mode Control Register (MCR) via the D2D- Interface. During Sleep mode, all unused internal blocks are deactivated to allow the lowest possible consumption. Power consumption will decrease further if the Cyclic Sense or Forced Wake-up feature are disabled. While in Sleep mode, the MM912F634 analog die will wake up on the following sources: • Lx - Wake-up (maskable with selectable cyclic sense) • Forced Wake-up (configurable timeout) • LIN Wake-up After Wake-up from the sources listed above or a reset condition, the device will transit to Reset mode. See Section 4.8, “Wake-up / Cyclic Sense" for details. 4.3.6 Analog Die Functionality by Operation Mode Table 71. Operation Mode Overview Function Reset Normal Stop Sleep VDD/VDDX full full stop OFF HSUP OFF full OFF OFF LSx full OFF OFF HSx full Cyclic Sense(57) Cyclic Sense(57) ADC full OFF OFF D2D full functional OFF Lx full Wake-up(57) Wake-up(57) PTBx full OFF OFF LIN full Wake-up(57) Wake-up(57) Watchdog full(58) OFF OFF VSENSE full OFF OFF CSENSE full OFF OFF Cyclic Sense not active Cyclic Sense(57) Cyclic Sense(57) Note: 57. If configured. 58. Special init through non window watchdog. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |