Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 19Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 20Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 21Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 22Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 335 page
background image
Electrical Characteristics
Static Electrical Characteristics
MM912F634
Freescale Semiconductor
19
Table 23. Static Electrical Characteristics - Temperature Sensor - TSENSE
Ratings
Symbol
Min
Typ
Max
Unit
Internal Chip Temperature Sense Gain(19)
TSG
-9.17-
mV/k
Internal Chip Temperature Sense Error at the end of conversion(19)
TSErr
–5.0
-
5.0
°C
Temperature represented by a ADCIN Voltage of 0.150 V(19)
T0.15V
-55
-50
-45
°C
Temperature represented by a ADCIN Voltage of 1.984 V(19)
T1.984V
145
150
155
°C
Note:
19. Guaranteed by design and characterization.
Table 24. Static Electrical Characteristics - Supply Voltage Sense - VSENSE and VS1SENSE
Ratings
Symbol
Min
Typ
Max
Unit
VSENSE Input Divider Ratio (RATIOVSENSE =VVSENSE / ADCIN)
5.5 V < VSUP < 27 V
RATIOVSENS
E
10.8
VSENSE error - whole path (VSENSE pin to Digital value)
ERVSENSE
--
5.0
%
VS1SENSE Input Divider Ratio (RATIOVS1SENSE =VVS1SENSE / ADCIN)
5.5 V < VSUP < 27 V
RATIOVS1SE
NSE
10.8
VS1SENSE error - whole path (VS1 pin to Digital value)
ERVS1SENSE
--
5.0
%
VSENSE Series Resistor
RVSENSE
9.5
10
10.5
kOhm
VSENSE Capacitor (optional)(20)
CVSENSE
-
100
-
nF
Note:
20. The ESD behavior specified in Section 3.8, “ESD Protection and Latch-up Immunity" is guaranteed without the optional capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com