Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 19Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 335 page
background image
Electrical Characteristics
Static Electrical Characteristics
MM912F634
Freescale Semiconductor
16
(continued)
Table 16. Static Electrical Characteristics - High Side Drivers - HS
Ratings
Symbol
Min
Typ
Max
Unit
Output Drain-to-Source On resistance
TJ =25°C, ILOAD =50mA; VSUP > 9.0 V
TJ= 150 °C, ILOAD =50 mA; VSUP > 9.0 V
TJ = 150 °C, ILOAD = 30 mA; 5.5V < VSUP < 9.0 V
RDS(ON)
-
-
-
-
-
-
7.0
10
14
Ohm
Output Current Limitation (0 V < VOUT < VSUP - 2.0 V)
ILIMHSX
60
110
250
mA
Open Load Current Detection
IOLHSX
-5.0
7.5
mA
Leakage Current (-0.2 V < VHSx < VS2 + 0.2 V)
ILEAK
--
10
µA
Current Limitation Flag Threshold (5.5 V < VSUP < 27 V)
VTHSC
VSUP -2
-
-
V
Table 17. Static Electrical Characteristics - Low Side Drivers - LS
Ratings
Symbol
Min
Typ
Max
Unit
Output Drain-to-Source On resistance
TJ =25°C, ILOAD = 150 mA, VSUP > 9.0 V
TJ = 150 °C, ILOAD = 150 mA, VSUP > 9.0 V
TJ = 150 °C, ILOAD = 120 mA, 5.5 V < VSUP < 9.0 V
RDS(ON)
–
–
–
–
–
–
2.5
4.5
10
Ohm
Output Current Limitation (2.0 V < VOUT < VSUP)ILIMLSX
180
275
380
mA
Open Load Current Detection
IOLLSX
-8.0
12
mA
Leakage Current (-0.2 V < VOUT < VS1)
ILEAK
--
10
µA
Active Output Energy Clamp (IOUT = 150 mA)
VCLAMP
40
-
45
V
Coil Series Resistance (IOUT =150 mA)
RCOIL
120
-
Ohm
Coil Inductance (IOUT = 150 mA)
RCOIL
--
400
m
Η
Current Limitation Flag Threshold (5.5 V < VSUP < 27 V)
VTHSC
2.0
-
-
V
Table 18. Static Electrical Characteristics - LIN Physical Layer Interface - LIN
Ratings
Symbol
Min
Typ
Max
Unit
Current Limitation for Driver dominant state. VBUS =18 V
IBUSLIM
40
120
200
mA
Input Leakage Current at the Receiver incl. Pull-up Resistor
RSLAVE; Driver OFF; VBUS = 0 V; VBAT = 12 V
IBUS_PAS_DOM
-1.0
-
-
mA
Input Leakage Current at the Receiver incl. Pull-up Resistor
RSLAVE; Driver OFF;
8.0 V < VBAT < 18 V; 8.0 V < VBUS < 18 V; VBUS
≥ VBAT
IBUS_PAS_REC
-
-
20
µA
Input Leakage Current; GND Disconnected; GNDDEVICE = VSUP;
0 < VBUS < 18 V; VBAT = 12 V
IBUS_NO_GND
-1.0
-
1.0
mA
Input Leakage Current; VBAT disconnected;
VSUP_DEVICE = GND; 0 < VBUS < 18 V
IBUS_NO_BAT
-
-
100
µA
Receiver Input Voltage; Receiver Dominant State
VBUSDOM
--
0.4
VSUP
Receiver Input Voltage; Receiver Recessive State
VBUSREC
0.6
-
-
VSUP
Receiver Threshold Center (VTH_DOM + VTH_REC)/2
VBUS_CNT
0.475
0.5
0.525
VSUP
Receiver Threshold Hysteresis (VTH_REC - VTH_DOM)VBUS_HYS
-
-
0.175
VSUP
Voltage Drop at the serial Diode
DSER_INT
0.4
0.7
1.0
V
LIN Pull-up Resistor
RSLAVE
20
30
60
kOhm
Bus Wake-up Threshold from Stop or Sleep(14)
VWUP
4.5
5.0
6.0
V
Bus Dominant Voltage
VDOM
--
2.5
V
Note:
14. Considering drop from VBAT to LIN, at very low VBAT level, the internal logic will detect a dominant as the threshold will not decrease
with VSUP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com