Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 2Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 3Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 335 page
background image
Pin Assignment
MM912F634 Pin Description
MM912F634
Freescale Semiconductor
6
2.1
MM912F634 Pin Description
The following table gives a brief description of all available pins on the MM912F634 package. Refer to the highlighted chapter for
detailed information.
Table 3. MM912F634 Pin Description
Pin #
Pin Name
Formal Name
Description
1
NC
Not connected Pin
This pin is reserved for alternative function and should be left floating or connected
to GND.
2
EXTAL
MCU Oscillator Pin
EXTAL is one of the optional crystal/resonator driver and external clock pins. On
reset, all the device clocks are derived from the Internal Reference Clock. See
Section 4.33, “External Oscillator (S12SS12SCRGV1)".
3
XTAL
MCU Oscillator Pin
XTAL is one of the optional crystal/resonator driver and external clock pins. On
reset, all the device clocks are derived from the Internal Reference Clock. See
Section 4.33, “External Oscillator (S12SS12SCRGV1)".
4
TEST
MCU Test Pin
This input only pin is reserved for test. This pin has a pull-down device. The TEST
pin must be tied to EVSS in user mode.
5
PA5
MCU PA5 Pin
General purpose port A input or output pin 5. See Section 4.27, “Port Integration
Module (9S12I32PIMV1)"
6
PA4
MCU PA4 Pin
General purpose port A input or output pin 4. See Section 4.27, “Port Integration
Module (9S12I32PIMV1)".
7
PA3
MCU PA3 / SS Pin
General purpose port A input or output pin 3, shared with the SS signal of the
integrated SPI Interface. See Section 4.27, “Port Integration Module
(9S12I32PIMV1)".
8
PA2
MCU PA2 / SCK Pin
General purpose port A input or output pin 2, shared with the SCLK signal of the
integrated SPI Interface. See Section 4.27, “Port Integration Module
(9S12I32PIMV1)".
9
PA1
MCU PA1 / MOSI Pin
General purpose port A input or output pin 1, shared with the MOSI signal of the
integrated SPI Interface. See Section 4.27, “Port Integration Module
(9S12I32PIMV1)".
10
PA0
MCU PA0 / MISO Pin
General-purpose port A input or output pin 0, shared with the MISO signal of the
integrated SPI Interface. See Section 4.27, “Port Integration Module
(9S12I32PIMV1)".
11
EVSSX
MCU 5.0 V Ground Pin
Ground for the MCU 5.0 V power supply.
12
EVDDX
MCU 5.0 V Supply Pin
MCU 5.0 V - I/O buffer supply. See Section 4.26, “MM912F634 - MCU Die
Overview".
13
EVSS
MCU 2.5 V Ground Pin
Ground for the MCU 2.5 V power supply.
14
EVDD
MCU 2.5 V Supply Pin
MCU 2.5 V - MCU Core- and Flash power supply. See Section 4.26, “MM912F634
- MCU Die Overview".
15
VDD
Voltage Regulator
Output 2.5 V
+2.5 V main voltage regulator output pin. External capacitor (CVDD) needed. See
Section 4.4, “Power Supply".
16
VDDX
Voltage Regulator Output
5.0 V
+5.0 V main voltage regulator output pin. External capacitor (CVDDX) needed. See
Section 4.4, “Power Supply".
17
DGND
Digital Ground Pin
This pin is the device digital ground connection for the 5.0 V and 2.5 V logic. DGND,
LGND, and AGND are internally connected to PGND via a back to back diode.
18
VSENSE
Voltage Sense Pin
Battery voltage sense input. This pin can be connected directly to the battery line for
voltage measurements. The voltage present at this input is scaled down by an
internal voltage divider, and can be routed to the internal ADC via the analog
multiplexer.The pin is self-protected against reverse battery connections. An
external resistor (RVSENSE) is needed for protection(3). See Section 4.22, “Supply
Voltage Sense - VSENSE".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com