Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 81Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 82Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 83Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 85Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 86Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 87Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 335 page
background image
Functional Description and Application Information
Low Side Drivers - LSx
MM912F634
Freescale Semiconductor
84
4.12.3
Memory Map and Registers
4.12.3.1
Module Memory Map
Table 102 shows the register map of the Low Side Driver module. All Register addresses given are referenced to the D2D
interface offset.
4.12.3.2
Register Descriptions
4.12.3.2.1
Low Side Control Register (LSCR)
Table 102. Low-Side Module - Memory Map
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
0x30
LSCR
R
LSOTIE
0
PWMCS2
PWMCS1
PWMLS2
PWMLS1
LS2
LS1
W
0x31
LSSR
R
LSOTC
0
0
0
LS2CL
LS1CL
LS2OL
LS1OL
W
0x32
LSCEN
R
0000
LSCEN
W
Table 103. Low Side Control Register (LSCR)
Offset(76) 0x30
Access: User read/write
76
543
210
R
LSOTIE
0
PWMCS2
PWMCS1
PWMLS2
PWMLS1
LS2
LS1
W
Reset
0
000
00
00
Note:
76. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 104. LSCR - Register Field Descriptions
Field
Description
7 - LSOTIE
Low Side Over-temperature Interrupt Enable
5 - PWMCS2
PWM Channel Select LS2
0 - PWM Channel 0 selected as PWM Channel
1 - PWM Channel 1 selected as PWM Channel
4 - PWMCS1
PWM Channel Select LS1
0 - PWM Channel 0 selected as PWM Channel
1 - PWM Channel 1 selected as PWM Channel
3 - PWMLS2
PWM Enable for LS2
0 - PWM disabled on LS2
1 - PWM enabled on LS2 (Channel as selected with PWMCS2)
2 - PWMLS1
PWM Enable for LS1
0 - PWM disabled on LS1
1 - PWM enabled on LS1 (Channel as selected with PWMCS1)
1 - LS2
LS2 Enable; LSEN has to be written once to control the LS2 Driver
0 - LS1
LS1 Enable; LSEN has to be written once to control the LS1 Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com