Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 52Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 53Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 54Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 55Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 56Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 57Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 58Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 59Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 335 page
background image
Functional Description and Application Information
Modes of Operation
MM912F634
Freescale Semiconductor
56
For internal reset sources, the RESET_A pin is driven low for tRST after the reset condition is gone. After this delay, the RESET_A
pin is released. With a high detected on the RESET_A pin, VDD>VLVR and VDDX>VLVRX the MM912F634 analog die enters in
Normal mode.
To avoid short-circuit conditions being present for a long time, a tVTO timeout is implemented. Once VDD < VLVR or VDDX < VLVRX
with VS1 > (VLVRI+ VLVR _H) for more than tVTO, the MM912F634 analog die will transit directly to Sleep mode.
The Reset Status Register (RSR) will indicate the source of the reset by individual flags.
•
POR - Power On Reset
•
LVR - Low Voltage Reset VDD
•
LVRX - Low Voltage Reset VDDX
•
WDR - Watchdog Reset
•
EXR - External Reset
•
WUR - Wake-up Sleep Reset
See also Section 4.7, “Resets".
4.3.3
Normal Mode
In Normal mode, all MM912F634 analog die user functions are active and can be controlled by the D2D Interface. Both regulators
(VDD and VDDX) are active and operate with full current capability.
Once entered in Normal mode, the Watchdog will operate as a simple non-window watchdog with an initial timeout (tIWDTO) to
be reset via the D2D Interface. After the initial reset, the watchdog will operate in standard window mode. See Section 4.9,
“Window Watchdog" for details.
4.3.4
Stop Mode
NOTE
To avoid any pending analog die interrupts prevent the MCU from entering MCU stop
resulting in unexpected system behavior, the analog die IRQ sources should be disabled
and the corresponding flags be cleared before entering stop.
The Stop mode will allow reduced current consumption with fast startup time. In this mode, both voltage regulators (VDD and
VDDX) are active, with limited current drive capability. In this condition, the MCU is supposed to operate in Low Power mode
(STOP or WAIT).
The device can enter in Stop mode by configuring the Mode Control Register (MCR) via the D2D Interface. The MCU has to enter
a Low Power mode immediately afterwards executing the STOP or WAIT instruction. The Wake-up Source Register (WSR) has
to be read after a wake-up condition in order to execute a new STOP mode command. Two base clock cycles (fBASE) delay are
required between WSR read and MCR write.
While in Stop mode, the MM912F634 analog die will wake up on the following sources:
•
Lx - Wake-up (maskable with selectable cyclic sense)
•
Forced Wake-up (configurable timeout)
•
LIN Wake-up
•
D2D Wake-up (special command)
After Wake-up from the sources listed above, the device will transit to Normal mode.
Reset will wake up the device directly to Reset mode.
See Section 4.8, “Wake-up / Cyclic Sense" for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com