Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 62Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 65Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 66Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 67Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 68Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 69Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 335 page
background image
Functional Description and Application Information
Interrupts
MM912F634
Freescale Semiconductor
66
4.6
Interrupts
Interrupts are used to signal a microcontroller that a peripheral needs to be serviced. While in Stop mode, the interrupt signal is
used to signal Wake-up events. The interrupts are signaled by an active high level of the D2DINT pin, which will remain high until
the interrupt is acknowledged via the D2D-Interface. Interrupts are only asserted while in Normal mode.
4.6.1
Interrupt Source Identification
Once an Interrupt is signalized, there are two options to identify the corresponding source(s).
4.6.1.1
Interrupt Source Mirror
NOTE
The VSI - Voltage Status Interrupt combines the five status flags for the Low Battery
Interrupt, Low Voltage Interrupt, High Voltage Interrupt, Voltage Regulator Over-voltage
Interrupt, and the Voltage Regulator High Temperature Interrupt. The specific source can be
identified by reading the Voltage Status Register - VSR.
All Interrupt sources in MM912F634 analog die are mirrored to a special Interrupt Source Register (ISR). This register is read
only and will indicate all currently pending Interrupts. Reading this register will not acknowledge any interrupt. An additional D2D
access is necessary to serve the specific module.
4.6.1.1.1
Interrupt Source Register (ISR)
Table 78. Interrupt Source Register (ISR)
Offset(63) 0x00 (0x00 and 0x01 for 8Bit access)
Access: User read
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
0
0
HOT
LSOT HSOT LINOT
SCI
RX
TX
ERR
TOV
CH3
CH2
CH1
CH0
VSI
W
Note:
63. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com