Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 90Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 91Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 92Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 93Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 94Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 95Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 96Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 97Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
94
4.13.3.6
PWM Channel Period Registers (PWMPERx)
NOTE
Reads of this register return the most recent value written. Reads do not necessarily return
the value of the currently active period due to the double buffering scheme.
There is a dedicated period register for each channel. The value in this register determines the period of the associated PWM
channel.
The period registers for each channel are double buffered, so if they change while the channel is enabled, the change will NOT
take effect until one of the following occurs:
•
The effective period ends
•
The counter is written (counter resets to $00)
•
The channel is disabled
In this way, the output of the PWM will always be either the old waveform or the new waveform, not some variation in between.
If the channel is not enabled, then writes to the period register will go directly to the latches as well as the buffer.
See Section 4.13.4.2.3, “PWM Period and Duty"” for more information.
To calculate the output period, take the selected clock source period for the channel of interest (A, B, SA, or SB) and multiply it
by the value in the period register for that channel:
•
Left aligned output (CAEx = 0)
•
PWMx Period = Channel Clock Period * PWMPERx Center Aligned Output (CAEx = 1)
•
PWMx Period = Channel Clock Period * (2 * PWMPERx)
For boundary case programming values, please refer to Section 4.13.4.2.7, “PWM Boundary Cases"”.
Table 119. PWM Channel Period Registers (PWMPERx)
Offset(85) 0x66/0x67
Access: User read/write
76
543
210
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reset
0
000
00
00
Note:
85. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com