Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 335 page
background image
Electrical Characteristics
Static Electrical Characteristics
MM912F634
Freescale Semiconductor
14
3.5
Static Electrical Characteristics
Static electrical characteristics noted under conditions 5.5V
≤ VSUP ≤ 18 V, -40 °C ≤ TA ≤ 105 °C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25 °C under nominal conditions unless otherwise noted.
3.5.1
Static Electrical Characteristics Analog Die
Table 10. Static Electrical Characteristics - Power Supply
Ratings
Symbol
Min
Typ
Max
Unit
Power-On Reset (POR) Threshold (measured on VS1)
VPOR
1.5
-
3.5
V
Low Voltage Warning (LVI)
Threshold (measured on VS1, falling edge)
Hysteresis (measured on VS1)
VLVI
VLVI_H
5.55
-
6.0
1.0
6.6
-
V
High Voltage Warning (HVI)
Threshold (measured on VS2, rising edge)
Hysteresis (measured on VS2)
VHVI
VHVI_H
18
-
19.25
1.0
20.5
-
V
Low Battery Warning (LBI)
Threshold (measured on VSENSE, falling edge)
Hysteresis (measured on VSENSE)
VLBI
VLBI_H
5.55
-
6.0
1.0
6.6
-
V
J2602 Under-voltage threshold
VJ2602UV
5.5
5.7
6.2
V
Low VDDX Voltage (LVRX) Threshold
VLVRX
2.7
3.0
3.3
V
Low VDD Voltage Reset (LVR) Threshold Normal Mode
VLVR
2.30
2.35
2.4
V
Low VDD Voltage Reset (LVR) Threshold Stop Mode
VLVRS
1.6
1.85
2.1
V
VDD Over-voltage Threshold (VROV)
VVDDOV
2.575
2.7875
3.0
V
VDDX Over-voltage Threshold (VROVX)
VVDDXOV
5.25
5.675
6.1
V
Table 11. Static Electrical Characteristics - Resets
Ratings
Symbol
Min
Typ
Max
Unit
Low-state Output Voltage IOUT =2.0 mA
VOL
--
0.8
V
Pull-up Resistor
RRPU
25
-
50
kOhm
Low-state Input Voltage
VIL
-
-
0.3VDDX
V
High-state Input Voltage
VIH
0.7VDDX
--
V
Reset Release Voltage (VDDX)
VRSTRV
-1.5
-
V
RESET_A pin Current Limitation
5.0
7.5
10
mA
Table 12. Static Electrical Characteristics - Window Watchdog
Ratings
Symbol
Min
Typ
Max
Unit
Watchdog Disable Voltage (fixed voltage)
VTST
7.0
-
10
V
Watchdog Enable Voltage (fixed voltage)
VTSTEN
--
5.5
V
Table 13. Static Electrical Characteristics - Voltage Regulator 5V (VDDX)
Ratings
Symbol
Min
Typ
Max
Unit
Normal Mode Output Voltage
1.0 mA < IVDDX + IVDDXinternal < 80 mA; 5.5 V < VSUP < 27 V
VDDXRUN
4.75
5.00
5.25
V
Normal Mode Output Current Limitation (IVDDX)IVDDXLIMRUN
80
130
200
mA
Stop Mode Output Voltage
(IVDDX < 500 µA for TJ ≥ 25 °C; IVDDX < 400 µA for TJ < 25 °C)
VDDXSTOP
-5.0
5.5
V
Stop Mode Output Current Limitation (IVDDX)IVDDXLIMSTOP
--
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com