Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 96Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 97Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 98Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 99Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 100Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 101Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 102Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 103Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
100
4.13.4.2.3
PWM Period and Duty
NOTE
When forcing a new period or duty into effect immediately, an irregular PWM cycle can occur.
Depending on the polarity bit, the duty registers will contain the count of either the high time
or the low time.
Dedicated period and duty registers exist for each channel and are double buffered, so if they change while the channel is
enabled, the change will NOT take effect until one of the following occurs:
•
The effective period ends
•
The counter is written (counter resets to $00)
•
The channel is disabled
In this way, the output of the PWM will always be either the old waveform or the new waveform, not some variation in between.
If the channel is not enabled, then writes to the period and duty registers will go directly to the latches as well as the buffer.
A change in duty or period can be forced into effect “immediately” by writing the new value to the duty and/or period registers,
and then writing to the counter. This forces the counter to reset and the new duty and/or period values to be latched. In addition,
since the counter is readable, it is possible to know where the count is with respect to the duty value, and software can be used
to make adjustments
4.13.4.2.4
PWM Timer Counters
NOTE
To start a new “clean” PWM waveform without any “history” from the old waveform, writing
the channel counter (PWMCNTx) must happen prior to enabling the PWM channel
(PWMEx = 1).
Writing to the counter while the channel is enabled can cause an irregular PWM cycle to
occur.
Each channel has a dedicated 8-bit up/down counter which runs at the rate of the selected clock source (see Section 4.13.4.1,
“PWM Clock Select"” for the available clock sources and rates). The counter compares to two registers, a duty register and a
period register as shown in Figure 26. When the PWM counter matches the duty register, the output flip-flop changes state,
causing the PWM waveform to also change state. A match between the PWM counter and the period register behaves differently
depending on what output mode is selected as shown in Figure 26 and described in Section 4.13.4.2.5, “Left Aligned Outputs"”
and Section 4.13.4.2.6, “Center Aligned Outputs"”.
Each channel counter can be read at anytime without affecting the count or the operation of the PWM channel.
Any value written to the counter causes the counter to reset to $00, the counter direction to be set to up, the immediate load of
both duty and period registers with values from the buffers, and the output to change according to the polarity bit. When the
channel is disabled (PWMEx = 0), the counter stops. When a channel becomes enabled (PWMEx = 1), the associated PWM
counter continues from the count in the PWMCNTx register. This allows the waveform to continue where it left off when the
channel is re-enabled. When the channel is disabled, writing “0” to the period register will cause the counter to reset on the next
selected clock.
Generally, writes to the counter are done prior to enabling a channel in order to start from a known state. However, writing a
counter can also be done while the PWM channel is enabled (counting). The effect is similar to writing the counter when the
channel is disabled, except that the new period is started immediately with the output set according to the polarity bit.
The counter is cleared at the end of the effective period (see Section 4.13.4.2.5, “Left Aligned Outputs"” and Section 4.13.4.2.6,
“Center Aligned Outputs"” for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com