Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 61Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 62Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 65Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 66Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 67Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 68Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 335 page
background image
Functional Description and Application Information
Die to Die Interface - Target
MM912F634
Freescale Semiconductor
65
4.5
Die to Die Interface - Target
The D2D Interface is the bus interface to the Microcontroller. Access to the MM912F634 analog die is controlled by the D2D
Interface module. This section describes the functionality of the die-to-die target block (D2D).
4.5.1
Overview
The D2D is the target for a data transfer from the target to the initiator (MCU). The initiator provides a set of configuration registers
and two memory mapped 256 Byte address windows. When writing to a window, a transaction is initiated sending a write
command, followed by an 8-bit address, and the data byte or word is received from the initiator. When reading from a window, a
transaction is received with the read command, followed by an 8-bit address. The target then responds with the data. The basic
idea is that a peripheral located on the MM912F634 analog die, can be addressed like an on-chip peripheral.
Features:
•
software transparent register access to peripherals on the MM912F634 analog die
•
256 Byte address window
•
supports blocking read or write, as well as non-blocking write transactions
•
4 bit physical bus width
•
automatic synchronization of the target when initiator starts driving the interface clock
•
generates transaction and error status as well as EOT acknowledge
•
providing single interrupt interface to D2D Initiator
4.5.2
Low Power Mode Operation
The D2D module is disabled in SLEEP mode. In Stop mode, the D2DINT signal is used to wake-up a powered down MCU. As
the MCU could wake up without the MM912F634 analog die, a special command will be recognized as a wake-up event during
Stop mode. See Section 4.3, “Modes of Operation".
4.5.2.1
Normal Mode / Stop Mode
NOTE
The maximum allowed clock speed of the interface is limited to fD2D.
While in Normal or Stop mode, D2DCLK acts as input only with pull present. D2D[3:0] operates as an input/output with pull-down
always present. D2DINT acts as output only.
4.5.2.2
Sleep Mode
While in Sleep mode, all Interface data pins are pulled down to DGND to reduce power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com