Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 19Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 20Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 335 page
background image
Electrical Characteristics
Static Electrical Characteristics
MM912F634
Freescale Semiconductor
17
Table 19. Static Electrical Characteristics - High Voltage Inputs - Lx
Ratings
Symbol
Min
Typ
Max
Unit
Low Detection Threshold
7.0 V
≤ VSUP ≤ 27 V
5.5 V
≤ VSUP ≤ 7V
VTHL
2.2
1.5
2.5
2.5
3.4
4.0
V
High Detection Threshold
7.0 V
≤ VSUP ≤ 27 V
5.5 V
≤ VSUP ≤ 7V
VTHH
2.6
2.0
3.0
3.0
3.7
4.5
V
Hysteresis
5.5 V
≤ VSUP ≤ 27 V
VHYS
0.25
0.45
1.0
V
Input Current Lx (-0.2 V < VIN < VS1)
IIN
-10
-
10
µA
Analog Input Impedance Lx
RLxIN
--
1.2
MOhm
Lx Series Resistor
RLx
9.5
10
10.5
kOhm
Lx Capacitor (optional)(15)
CLx
-
100
-
nF
Analog Input Divider Ratio (RATIOLx =VLx / VADOUT0)
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
RATIOLx
-
-
2.0
7.2
-
-
Analog Input Divider Ratio Accuracy
RATIOLX
-5.5
-
5.5
%
Analog Inputs Channel Ratio - Mismatch
LXDS (Lx Divider Select) = 0
LXDS (Lx Divider Select) = 1
LxMATCH
-
-
-
-
5.0
5.0
%
Note:
15. The ESD behavior specified in Section 3.8, “ESD Protection and Latch-up Immunity" are guaranteed without the optional capacitor.
Table 20. Static Electrical Characteristics - General Purpose I/O - PTB[0…2]
Ratings
Symbol
Min
Typ
Max
Unit
Input high voltage
VIH
0.7VDDX
-VDDX+0.3
V
Input low voltage
VIL
VSS-0.3
-
0.35VDDX
V
Input hysteresis
VHYS
-
140
-
mV
Input high voltage (VS1 = 3.7 V)
VIH3.7
2.1
-
VDDX+0.3
V
Input low voltage (VS1 = 3.7 V)
VIL3.7
VSS-0.3
-
1.4
V
Input hysteresis (VS1 = 3.7 V)
VHYS3.7
100
200
300
mV
Input leakage current (pins in high-impedance input mode)
(VIN =VDDX or VSSX)
IIN
-1.0
-
1.0
µA
Output high voltage (pins in output mode) Full drive IOH = –10 mA
VOH
VDDX-0.8
-
-
V
Output low voltage (pins in output mode) Full drive IOL =+10 mA
VOL
--
0.8
V
Internal pull-up resistance (VIH min > Input voltage > VIL max)
RPUL
26.25
37.5
48.75
kOhm
Input capacitance
CIN
-6.0
-
pF
Clamp Voltage when selected as analog input
VCL_AIN
VDD
-
-
V
Analog Input impedance = 10 kOhm max, Capacitance = 12 pF
RAIN
-
-
10
kOhm
Analog Input Capacitance = 12 pF
CAIN
-12
-
pF
Maximum current all PTB combined (VDDX capability!)
IBMAX
-15
-
15
mA
Output Drive strength at 10 MHz
COUT
-
-
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com