Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 72Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 73Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 74Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 75Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 76Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 77Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 78Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 335 page
background image
Functional Description and Application Information
Wake-up / Cyclic Sense
MM912F634
Freescale Semiconductor
76
4.8.2.3
Wake-up Source Register (WSR)
Reading the WSR will clear the wake-up status bit(s). Writing will have no effect. The Wake-up Source Register (WSR) has to be
read after a wake-up condition, in order to execute a new STOP mode command. Two base clock cycles (fBASE) delays are
required between the WSR read and the MCR write.
Table 89. Wake-up Source Register (WSR)
Offset(70) 0x14
Access: User read
76
5432
1
0
R
FWU
LINWU
L5WU
L4WU
L3WU
L2WU
L1WU
L0WU
W
Note:
70. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 90. WSR - Register Field Descriptions
Field
Description
7 - FWU
Forced Wake-up - Wake-up caused by a forced wake-up
6 - LINWU
LIN Wake-up - Wake-up caused by a LIN wake-up
5 - L5WU
L5 Wake-up - Wake-up caused by a state change of the L6 Input
4 - L4WU
L4 Wake-up - Wake-up caused by a state change of the L5 Input
3 - L3WU
L3 Wake-up - Wake-up caused by a state change of the L4 Input
2 - L2WU
L2 Wake-up - Wake-up caused by a state change of the L3 Input
1 - L1WU
L1 Wake-up - Wake-up caused by a state change of the L2 Input
0 - L0WU
L0 Wake-up - Wake-up caused by a state change of the L1 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com