Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 55Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 56Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 57Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 58Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 59Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 60Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 61Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 62Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 335 page
background image
Functional Description and Application Information
Power Supply
MM912F634
Freescale Semiconductor
59
4.4
Power Supply
The MM912F634 analog die supplies VDD (2.5 V), VDDX (5.0 V), and HSUP, based on the supply voltage applied to the VS1
pin. VDD is cascaded of the VDDX regulator. To separate the High Side outputs from the main power supply, the VS2 pin does
only power the High Side drivers. Both supply pins have to be externally protected against reverse battery conditions. To supply
external Hall Effect Sensors, the HSUP pin will supply a switchable regulated supply. See Section 4.10, “Hall Sensor Supply
Output - HSUP".
A reverse battery protected input (VSENSE) is implemented to measure the Battery Voltage directly. A serial resistor (RVSENSE)
is required on this pin. See Section 4.22, “Supply Voltage Sense - VSENSE". In addition, the VS1 supply can be routed to the
ADC (VS1SENSE) to measure the VS1 pin voltage directly. See Section 4.23, “Internal Supply Voltage Sense - VS1SENSE".
To have an independent ADC verification, the internal sleep mode bandgap voltage can be routed to the ADC (BANDGAP). As
this node is independent from the ADC reference, any out of range result would indicate malfunctioning ADC or Bandgap
reference. See Section 4.24, “Internal Bandgap Reference Voltage Sense - BANDGAP".
To stabilize the internal ADC reference voltage for higher precision measurements, the current limited ADC2p5 pin needs to be
connected to an external filter capacitor (CADC2p5). It is not recommended to connect additional loads to this pin. See
Section 4.19, “Analog Digital Converter - ADC".
The following safety features are implemented:
•
LBI - Low Battery Interrupt, internally measured at VSENSE
•
LVI - Low Voltage Interrupt, internally measured at VS1
•
HVI - High Voltage Interrupt, internally measured at VS2
•
VROVI - Voltage Regulator Over-voltage Interrupt internally measured at VDD and VDDX
•
LVR - Low Voltage Reset, internally measured at VDD
•
LVRX - Low Voltage Reset, internally measured at VDDX
•
HTI - High Temperature Interrupt measured between the VDD and VDDX regulators
•
Over-temperature Shutdown measured between the VDD and VDDX regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com