Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 17Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 18Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 19Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 20Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 21Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 22Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 23Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 335 page
background image
Electrical Characteristics
Static Electrical Characteristics
MM912F634
Freescale Semiconductor
20
3.5.2
Static Electrical Characteristics MCU Die
3.5.2.1
I/O Characteristics
This section describes the characteristics of all I/O pins except EXTAL, XTAL, TEST and supply pins.
Table 25. 5.0 V I/O Characteristics for PTA, RESET and BKGD Pins
Ratings
Symbol
Min
Typ
Max
Unit
Input high voltage
V
IH
0.65*VDD
--
V
Input high voltage
VIH
--
VDD + 0.3
V
Input low voltage
VIL
-
-
0.35*VDD
V
Input low voltage
VIL
VSS - 0.3
-
-
V
Input hysteresis
VHYS
-250
-
mV
Input leakage current (pins in high-impedance input mode)
Vin = VDDX or VSSX
I
IN
-1.0
-
1.0
μA
Output high voltage (pins in output mode)
Partial Drive IOH = -2.0 mA
V
OH
VDD – 0.8
-
-
V
Output high voltage (pins in output mode)
Full Drive IOH = -10 mA
V
OH
VDD – 0.8
-
-
V
Output low voltage (pins in output mode)
Partial drive IOL = +2.0 mA
VOL
--
0.8
V
Output low voltage (pins in output mode)
Full Drive IOL = +10 mA
VOL
--
0.8
V
Internal pull-up resistance
(VIHmin > input voltage > VILmax)
RPUL
25
-
50
k
Ω
Internal pull-down resistance
(VIHmin > input voltage > VILmax)
RPDH
25
-
50
k
Ω
Input capacitance
Cin
-6.0
-
pF
Injection current(21)
Single pin limit
Total device Limit, sum of all injected currents
IICS
IICP
-2.5
-25
-
-
2.5
25
mA
Note:
21. Refer to Section 3.8, “ESD Protection and Latch-up Immunity"” for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com