Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 43Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 44Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 45Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 46Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 47Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 48Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 49Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 50Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 335 page
background image
Functional Description and Application Information
Introduction
MM912F634
Freescale Semiconductor
47
0x3C
CSR
R
CSE
00
0
CCD
CSGS
Current Sense Register
W
0x40
SCIBD (hi)
R
LBKDIE
RXEDGIE
0
SBR12
SBR11
SBR10
SBR9
SBR8
SCI Baud Rate Register
W
0x41
SCIBD (lo)
R
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
SCI Baud Rate Register
W
0x42
SCIC1
R
LOOPS
0
RSRC
M
0
ILT
PE
PT
SCI Control Register 1
W
0x43
SCIC2
R
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
SCI Control Register 2
W
0x44
SCIS1
R
TDRE
TC
RDRF
IDLE
OR
NF
FE
PF
SCI Status Register 1
W
0x45
SCIS2
R
LBKDIF
RXEDGIF
0
RXINV
RWUID
BRK13
LBKDE
RAF
SCI Status Register 2
W
0x46
SCIC3
R
R8
T8
TXDIR
TXINV
ORIE
NEIE
FEIE
PEIE
SCI Control Register 3
W
0x47
SCID
R
R7
R6R5
R4R3R2R1R0
SCI Data Register
W
T7
T6
T5T4T3T2T1T0
0x60
PWMCTL
R
CAE1
CAE0
PCLK1
PCLK0
PPOL1
PPOL0
PWME1
PWME0
PWM Control Register
W
0x61
PWMPRCLK
R
0
PCKB2
PCKB1
PCKB0
0
PCKA2
PCKA1
PCKA0
PWM Presc. Clk Select Reg
W
0x62
PWMSCLA
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Scale A Register
W
0x63
PWMSCLB
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Scale B Register
W
0x64
PWMCNT0
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Ch Counter Reg 0
W
0
0
0
0
0
0
0
0
0x65
PWMCNT1
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Ch Counter Reg 1
W
0
0
0
0
0
0
0
0
0x66
PWMPER0
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Ch Period Register 0
W
0x67
PWMPER1
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Ch Period Register 1
W
0x68
PWMDTY0
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Ch Duty Register 0
W
0x69
PWMDTY1
R
Bit 7
6
5
4
3
2
1
Bit 0
PWM Ch Duty Register 1
W
0x80
ACR
R
SCIE
CCE
OCE
ADCRST
0
PS2
PS1
PS0
ADC Config Register
W
0x81
ASR
R
SCF
2p5CLF
0
0
CCNT3
CCNT2
CCNT1
CCNT0
ADC Status Register
W
Table 65. Analog die Registers(55) - 0x0200–0x02FF D2D Blocking Access (D2DI) 2 of 3/
0x0300–0x03FF D2D Non Blocking Access (D2DI) 3 of 3 (continued)
Offset
Name
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com