Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 33Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 34Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 35Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 36Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 37Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 38Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 39Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 40Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 335 page
background image
Electrical Characteristics
ESD Protection and Latch-up Immunity
MM912F634
Freescale Semiconductor
37
3.8
ESD Protection and Latch-up Immunity
All ESD testing is in conformity with CDF-AEC-Q100 stress test qualification for automotive grade integrated circuits. During the
device qualification, ESD stresses were performed for the Human Body Model (HBM), Machine Model (MM), Charge Device
Model (CDM), as well as LIN transceiver specific specifications.
A device will be defined as a failure if after exposure to ESD pulses, the device no longer meets the device specification.
Complete DC parametric and functional testing is performed per the applicable device specification at room temperature,
followed by hot temperature, unless specified otherwise in the device specification.
Table 46. ESD and Latch-up Protection Characteristics
Ratings
Symbol
Value
Unit
ESD - Human Body Model (HBM) following AEC-Q100 / JESD22-A114
(CZAP = 100 pF, RZAP = 1500 Ω)
- LIN (DGND, PGND, AGND, and LGND shorted)
- VS1, VS2, VSENSE, Lx
- HSx
- All other Pins
VHBM
±8000
±4000
±3000
±2000
V
ESD - Charged Device Model (CDM) following AEC-Q100,
Corner Pins (1, 12, 13, 24, 25, 36, 37, and 48)
All other Pins
VCDM
±750
±500
V
ESD - Machine Model (MM) following AEC-Q100
(CZAP = 200 pF, RZAP =0 Ω), All Pins
VMM
±200
V
Latch-up current at TA = 125 °C(47)
ILAT
±100
mA
ESD GUN - LIN Conformance Test Specification(49), unpowered, contact
discharge, CZAP= 150 pF, RZAP = 330 Ω.
- LIN (with or without bus filter CBUS=220 pF)
- VS1, VS2 with CVS
- Lx with serial RLX
±15000
±20000
±6000
V
ESD GUN - IEC 61000-4-2 Test Specification(50), unpowered, contact
discharge, CZAP= 150 pF, RZAP = 330 Ω
- LIN (with or without bus filter CBUS=220 pF)
- VSENSE with serial RVSENSE(48)
- VS1, VS2 with CVS
- Lx with serial RLX
±8000
±8000
±8000
±8000
V
ESD GUN - ISO10605 Test Specification(50), unpowered, contact discharge,
CZAP= 150 pF, RZAP =2.0 kΩ
- LIN (with or without bus filter CBUS=220pF)
- VSENSE with serial RVSENSE(48)
- VS1, VS2 with CVS
- Lx with serial RLX
±6000
±6000
±6000
±6000
V
ESD GUN - ISO10605 Test Specification(50), powered, contact discharge,
CZAP= 330 pF, RZAP =2.0 kΩ
- LIN (with or without bus filter CBUS=220 pF)
- VSENSE with serial RVSENSE(48)
- VS1, VS2 with CVS
- Lx with serial RLX
±8000
±8000
±8000
±8000
V
Note:
47. Input Voltage Limit = -2.5 to 7.5 V.
48. With CVBAT (10…100 nF) as part of the battery path.
49. Certification available on request
50. Tested internally only; certification pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com