Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 76Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 77Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 78Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 81Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 82Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 83Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 335 page
background image
Functional Description and Application Information
High Side Drivers - HS
MM912F634
Freescale Semiconductor
80
4.11
High Side Drivers - HS
These outputs are two High Side drivers, intended to drive small resistive loads or LEDs incorporating the following features:
•
PWM capability via the PWM Module
•
Open load detection
•
Current limitation
•
Over-temperature shutdown (with maskable interrupt)
•
High voltage shutdown - HVI (software maskable)
•
Cyclic-Sense, See Section 4.8, “Wake-up / Cyclic Sense"
4.11.1
Open Load Detection
Each high side driver signals an open load condition if the current through the high side is below the open load current threshold.
The open load condition is indicated with the bits HS1OL and HS2OL in the High Side Status Register (HSSR).
4.11.2
Current Limitation
Each high side driver has an output current limitation. In combination with the over-temperature shutdown the high side drivers
are protected against over-current and short-circuit failures.
That the driver operates in the current limitation area is indicated with the bits HS1CL and HS2CL in the High Side Status Register
(HSSR).
4.11.3
Over-temperature Protection (HS Interrupt)
Both high side drivers are protected against over-temperature. In over-temperature conditions, both high side drivers are shut
down and the event is latched in the Interrupt Control Module. The shutdown is indicated as HS Interrupt in the Interrupt Source
Register (ISR).
A thermal shutdown of the high side drivers is indicated by setting the HSOT bit in the High Side Status Register (HSSR).
A write to the High Side Control Register (HSCR), when the over-temperature condition is gone, will re- enable the high side
drivers.
4.11.4
High Voltage Shutdown
In case of a high voltage condition (HVI), and if the high voltage shutdown is enabled (bit HVSDE in the High Side Control Register
(HSCR) is set), both high side drivers are shut down. A write to the High Side Control Register (HSCR), when the high voltage
condition is gone, will re-enable the high side drivers.
4.11.5
Sleep And Stop Mode
The high side drivers can be enabled to operate in Sleep and Stop mode for cyclic sensing. See Section 4.8, “Wake-up / Cyclic
Sense"
4.11.6
PWM Capability
Section 4.13, “PWM Control Module (PWM8B2C)"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com