Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 60Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 61Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 62Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 65Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 66Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 67Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 335 page
background image
Functional Description and Application Information
Power Supply
MM912F634
Freescale Semiconductor
64
4.4.4.2
Voltage Status Register (VSR)
Table 76. Voltage Status Register (VSR)
Offset(62) 0x05
Access: User read
76
543
210
R
0
0
0
VROVC
HTC
HVC
LVC
LBC
W
Reset
0
00
000
00
Note:
62. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 77. VSR - Register Field Descriptions
Field
Description
4
VROVC
Voltage Regulator Over-voltage Condition - This status bit indicates an over-voltage warning is present for at least one of the
main voltage regulators (VDD or VDDX). Reading the register will clear the VROVI flag if present. See Section 4.6, “Interrupts"
for details. Note: This feature requires the trimming of Section 4.25.1.2.3, “Trimming Register 2 (CTR2)" to be done to be
effective. Untrimmed devices may issue the VROVC condition including the LS turn off at normal operation!
0 - No Voltage Regulator Over-voltage Condition present.
1 - Voltage Regulator Over-voltage Condition present.
3
HTC
High Temperature Condition - This status bit indicates a high temperature warning is present for the Voltage regulators
(VDD/VDDX). Reading the register will clear the HTI flag if present. See Section 4.6, “Interrupts" for details.
0 - No High Temperature Condition present.
1 - High Temperature Condition present.
2
HVC
High Voltage Condition - This status bit indicates a high voltage warning for VS2 is present. Reading the register will clear the
HVI flag if present. See Section 4.6, “Interrupts" for details.
0 - No High Voltage Condition present.
1 - High Voltage Condition present.
1
LVC
Low Voltage Condition - This status bit indicates a low voltage warning for VS1 is present. Reading the register will clear the
LVI flag if present. See Section 4.6, “Interrupts" for details.
0 - No Low Voltage Condition present.
1 - Low Voltage Condition present.
0
LBC
Low Battery Condition - This status bit indicates a low voltage warning for VSENSE is present. Reading the register will clear
the LBI flag if present. See Section 4.6, “Interrupts" for details.
0 - No Low Battery Condition present.
1 - Low Battery Condition present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com