Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MM912F634CV2AP Datasheet HTML 1Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 2Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 3Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 335 page
background image
Freescale Semiconductor
Advanced Information
© Freescale Semiconductor, Inc., 2010. All rights reserved.. All rights reserved.
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
Document Number: MM912F634
Rev. 5.0, 11/2010
Integrated S12 Based Relay
Driver with LIN
The MM912F634 is an integrated single package solution that
integrates an HCS12 microcontroller with a SMARTMOS
analog control IC. The Die to Die Interface (D2D) controlled
analog die combines system base chip and application specific
functions, including a LIN transceiver.
Features
• 16-Bit S12 CPU, 32 kByte FLASH, 2.0 kByte RAM
• Background Debug (BDM) & Debug Module (DBG)
• Die to Die bus interface for transparent memory mapping
• On-chip oscillator & two independent watchdogs
• LIN 2.1 Physical Layer Interface with integrated SCI
• Six digital MCU GPIOs shared with SPI (PA5…0)
• 10-Bit, 15 Channel - Analog to Digital Converter (ADC)
• 16-Bit, 4 Channel - Timer Module (TIM16B4C)
• 8-Bit, 2 Channel - Pulse width modulation module (PWM)
• Six high voltage / Wake-up inputs (L5.0)
• Three low voltage GPIOs (PB2.0)
• Low Power Modes with cyclic sense & forced wake-up
• Current Sense Module with selectable gain
• Reverse Battery protected Voltage Sense Module
• Two protected low side outputs to drive inductive loads
• Two protected high side outputs
• Chip temperature sensor
• Hall sensor supply
• Integrated voltage regulator(s)
Figure 1. Simplified Application Diagram
MM912F634
48-PIN LQFP-EP, 7.0 mm x 7.0 mm
AE SUFFIX: Exposed Pad Option
48-PIN LQFP, 7.0 mm x 7.0 mm
AP SUFFIX: Non-exposed Pad Option
See Page 2.
ORDERING INFORMATION
M
PA0/MISO
RESET_A
RESET
VDD
EVDD
EVSS
LIN
LS1
LS2
ISENSEH1
VS1
Power Supply
LIN interface
5V digital I/O
LGND
ISENSEL1
HSUP
Analog/Digital Inputs
(High Voltage- and Wake
Up capable)
DGND
L31
L1
L21
PTB1/AD1/TX/TIM0CH1
PTB2/AD2/PWM/TIM0CH2
Hall Sensor supply
5V GPI/O with optional
pull-up (shared with
ADC, PWM, Timer, SCI)
Low-Side Drivers
Current Sense Module
PTB0/AD0/RX/TIM0CH0
L0
PA1/MOSI
PA2/SCK
PA3/SS
PA4
BKGD/MODC
EXTAL
XTAL
VDDX
EVDDX
EVSSX
5V Supply
Reset
HS1
HS21
12V Light/LED
and switch supply
Debug and
external
Oscillator
VSENSE1
TEST
L41
L51
VS2
TEST_A
TCLK
Hall Sensor
Hall Sensor
2.5V Supply
Digital Ground
ADC2p5
AGND
ADC Supply
PGND
MCU Test
Analog Test
Battery Sense
PA5
1) Feature not available in all Analog Options
MM912F634


Similar Part No. - MM912F634CV2AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MM912 NXP-MM912 Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
MM912-637 NXP-MM912-637 Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
MM912-637D1 NXP-MM912-637D1 Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
logo
Freescale Semiconductor...
MM912G634CM1AE FREESCALE-MM912G634CM1AE Datasheet
2Mb / 345P
Integrated S12 Based Relay Driver with LIN
MM912G634CV1AE FREESCALE-MM912G634CV1AE Datasheet
2Mb / 345P
Integrated S12 Based Relay Driver with LIN
More results

Similar Description - MM912F634CV2AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
Freescale Semiconductor...
MM912_634 FREESCALE-MM912_634 Datasheet
2Mb / 345P
Integrated S12 Based Relay Driver with LIN
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE9835QX INFINEON-TLE9835QX Datasheet
312Kb / 2P
Smart LIN-based Relay Driver IC & Switch Panel Interface with integrated 8-bit MCU
02 / 2012
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
July, 2017 ??Rev. 1
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com