Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AP Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AP
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 85Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 86Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 87Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 88Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 89Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 90Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 91Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
88
4.13.1.3
Block Diagram
Figure 23 shows the block diagram for the 8-bit 2-channel PWM block.
Figure 23. PWM Block Diagram
4.13.2
Signal Description
NOTE
Based on the D2D clock speed, the PWM8B2C module is capable of generating PWM signal
frequencies higher than the maximum output frequency of the connected driver (HS, LS).
Please refer to Section 3.6, “Dynamic Electrical Characteristics" for details.
Do not exceed the driver maximum output frequency!
The PWM module has a total of two internal outputs to control the Low Side Outputs, the High Side Outputs and / or the PTB2
output with pulse width modulation. See Section 4.11, “High Side Drivers - HS", Section 4.12, “Low Side Drivers - LSx" and
Section 4.17, “General Purpose I/O - PTB[0…2]" for configuration details.
4.13.2.1
D2DCLK
Die 2 Die Interface Clock.
4.13.2.2
PWM1 — Pulse Width Modulator Channel 1
This signal serves as waveform output of PWM channel 1.
4.13.2.3
PWM0 — Pulse Width Modulator Channel 0
This signal serves as waveform output of PWM channel 0.
Clock Select
PWM Clock
Period and Duty
Counter
Channel 1
Alignment
Polarity
Control
PWM8B2C
PWM1
Enable
PWM Channels
Period and Duty
Counter
Channel 0
PWM0
D2D Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com